Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSN075F-560M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN075F-560M
Description  SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN075F-560M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN075F-560M Datasheet HTML 1Page - Frontier Electronics. CSN075F-560M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSN075F Series
SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
(μH)
Test Freq.
(KHz)
DCR Max. (Ω)
Rated Current
(A)
CSN075F-1R0M
102
1.0
100
0.023
2.88
CSN075F-1R5M
152
1.5
100
0.028
2.56
CSN075F-2R2M
222
2.2
100
0.032
2.36
CSN075F-3R3M
332
3.3
100
0.038
2.16
CSN075F-4R7M
472
4.7
100
0.049
1.88
CSN075F-6R8M
682
6.8
100
0.060
1.68
CSN075F-100M
103
10
100
0.070
1.56
CSN075F-120M
123
12
100
0.080
1.44
CSN075F-150M
153
15
100
0.090
1.36
CSN075F-180M
183
18
100
0.100
1.28
CSN075F-220M
223
22
100
0.120
1.17
CSN075F-270M
273
27
100
0.140
1.07
CSN075F-330M
333
33
100
0.160
1.00
CSN075F-390M
393
39
100
0.190
0.91
CSN075F-470M
473
47
100
0.220
0.84
CSN075F-560M
563
56
100
0.290
0.72
CSN075F-680M
683
68
100
0.340
0.66
CSN075F-820M
823
82
100
0.460
0.58
CSN075F-101M
104
100
100
0.550
0.51
CSN075F-121K
124
120
100
0.670
0.42
CSN075F-151K
154
150
100
0.900
0.37
CSN075F-181K
184
180
100
1.050
0.35
CSN075F-221K
224
220
100
1.350
0.29
CSN075F-271K
274
270
100
1.550
0.28
CSN075F-331K
334
330
100
2.050
0.23
CSN075F-391K
394
390
100
2.300
0.215
CSN075F-471K
474
470
100
2.600
0.195
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
i
CSN075F
7.6
(0.299)
7.6
(0.299)
6.8
(0.268)
2.0
(0.079)
5.1
(0.201)
5.4
(0.213)
2.0
(0.079)
3.0
(0.118)
4.4
(0.173)
Tol.
Max.
Max.
Typ.
Typ.
Max.
Typ.
Typ.
Typ.
Typ.
C. General Information:
1. CSN075F-xxx_, “CSN075F” = P/N, “xxx” = Inductance, “_” = Tolerance.
2. Tolerance “_”: M = ± 20%, L = ±15%, K = ±10%.
3. Operating temperature range: -30ºC to +100ºC (Including self-heating).
4. Storage temperature: -40ºC to +85ºC.
5. Inductance measured using the HP4284A and Chroma1320 & 3302.
6. DCR measured using Chroma 16502 milliohm meter.
7. Inductance drop no more than 10% of initial value at rated curr
ent, temperature rise ∆t < 40ºC.
8. Inductance and Current range: From 1.0 µH (2.88A) to 470.0 µH (0.195A).
9. MSL: Level 1.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSN075F-560M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN075F FRONTIER-CSN075F Datasheet
121Kb / 5P
   Tape and Reel Specifications
CSN075F FRONTIER-CSN075F_15 Datasheet
281Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results

Similar Description - CSN075F-560M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSN032D-1R0M FRONTIER-CSN032D-1R0M Datasheet
192Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D-1R0M FRONTIER-CSN054D-1R0M Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN043D FRONTIER-CSN043D_15 Datasheet
273Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN054D FRONTIER-CSN054D_15 Datasheet
275Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN075D FRONTIER-CSN075D_15 Datasheet
243Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D FRONTIER-CSN105D_15 Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN105D-100M FRONTIER-CSN105D-100M Datasheet
193Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073F FRONTIER-CSN073F_15 Datasheet
229Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN084F FRONTIER-CSN084F_15 Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN073D-100M FRONTIER-CSN073D-100M Datasheet
239Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
CSN104D-100M FRONTIER-CSN104D-100M Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (UNSHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com