Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN434 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # AN434
Description  INTERFACE SPECIFICATION
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN434 Datasheet(HTML) 2 Page - Silicon Laboratories

  AN434 Datasheet HTML 1Page - Silicon Laboratories AN434 Datasheet HTML 2Page - Silicon Laboratories AN434 Datasheet HTML 3Page - Silicon Laboratories AN434 Datasheet HTML 4Page - Silicon Laboratories AN434 Datasheet HTML 5Page - Silicon Laboratories AN434 Datasheet HTML 6Page - Silicon Laboratories AN434 Datasheet HTML 7Page - Silicon Laboratories AN434 Datasheet HTML 8Page - Silicon Laboratories AN434 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
AN434
2
Rev. 0.4
1.1. Additional Documentation
1. CP2110 data sheet:
http://www.silabs.com/products/interface/usbtouart
2. CP2114 data sheet:
http://www.silabs.com/CP2114
3. Dynamic libraries that adhere to this CP2110/4 Interface specification are available for the following
operating systems:
Windows 7/Vista/XP
Mac OS X
AN433: CP2110 HID-to-UART API Specification documents the Windows DLL. The document and libraries are
available at:
www.silabs.com/appnotes
4. HID Device Class Definition:
http://www.usb.org/developers/hidpage/
1.2. Default Values for Parameters Stored in PROM
Table 1 and Table 2 list the default values for the one-time configurable parameters stored in the PROM of the
CP2110. Table 3 and Table 4 list the default values for the one-time configurable parameters stored in the PROM of
the CP2114.
Table 1. CP2110 Default PROM Values
Parameter
Default Value
VID
0x10C4
PID
0xEA80
Power
50 (100 mA)
Power Mode
Bus Powered
Flush Buffers
Flush TX/RX on Open
Manufacturing String
Silicon Laboratories Inc.
Product String
CP2110 HID USB-to-UART Bridge
Serial String
0001
Lock Bytes
0xFF0F*
*Note: The lock bytes indicate which parameters have already been programmed.


Similar Part No. - AN434

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4345 STMICROELECTRONICS-AN4345 Datasheet
2Mb / 28P
   This document describes a two output buck with the VIPer16LD
AN4346 STMICROELECTRONICS-AN4346 Datasheet
1Mb / 33P
   10 W wide range - high power factor - isolated LED driver using HVLED815PF
AN4348 STMICROELECTRONICS-AN4348 Datasheet
861Kb / 25P
   Signal conditioning for electrochemical sensors
More results

Similar Description - AN434

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
LMG5278XUFC-00T HITACHI-LMG5278XUFC-00T Datasheet
21Kb / 1P
   INTERFACE SPECIFICATION
logo
Silicon Laboratories
AN495 SILABS-AN495 Datasheet
113Kb / 22P
   INTERFACE SPECIFICATION
AN792 SILABS-AN792 Datasheet
358Kb / 76P
   INTERFACE SPECIFICATION
logo
STMicroelectronics
ST16-19RFRDCS STMICROELECTRONICS-ST16-19RFRDCS Datasheet
146Kb / 21P
   CHIP SET INTERFACE SPECIFICATION
logo
DB Lectro Inc
ESD110V2 DBLECTRO-ESD110V2 Datasheet
379Kb / 2P
   Output Interface UART, Bluetooth Specification
ESD100V2 DBLECTRO-ESD100V2 Datasheet
396Kb / 2P
   Output Interface UART, Bluetooth Specification
logo
Sharp Corporation
NL-RC01 SHARP-NL-RC01 Datasheet
1Mb / 23P
   DEVICE SPECIFICATION FOR XGA TFT Analog Interface Board
logo
Fujitsu Component Limit...
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
183Kb / 3P
   STANDARD Micro Controller Specification USB Interface Controller Chip
logo
Xilinx, Inc
DS633 XILINX-DS633 Datasheet
309Kb / 10P
   PLB interface is based on PLB v4.6 specification
DS632 XILINX-DS632 Datasheet
384Kb / 17P
   PLB interface is based on PLB v4.6 specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com