Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB804 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BB804
Description  Silicon Variable Capacitance Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BB804 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BB804 Datasheet HTML 1Page - Infineon Technologies AG BB804 Datasheet HTML 2Page - Infineon Technologies AG BB804 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Nov-07-2002
1
BB804...
Silicon Variable Capacitance Diode
 For FM tuners
 Monolithic chip with common cathode
for perfect tracking of both diodes
 Uniform "square law" characteristics
 Ideal HiFi tuning device when used in
low-distortion, back-to-back configuration
BB804
3
1
D2
2
D1
Type
Package
Configuration
LS(nH) Marking
BB804
SOT23
common cathode
1.8
SF1/2/3*
*For differences see next page Capacitance groups
Maximum Ratings
at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
18
V
Peak reverse voltage
VRM
20
Forward current
IF
50
mA
Operating temperature range
Top
-55 ... 125
°C
Storage temperature
Tstg
-55 ... 150


Similar Part No. - BB804

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB804 PHILIPS-BB804 Datasheet
58Kb / 8P
   VHF variable capacitance double diode
1998 Nov 25
logo
Vishay Siliconix
BB804 VISHAY-BB804 Datasheet
47Kb / 3P
   Silicon Epitaxial Planar Dual Capacitance Diode
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BB804 SIEMENS-BB804 Datasheet
60Kb / 3P
   Silicon Variable Capacitance Diode (For FM tuners Monolithic chip with common cathode for perfect tracking of both diodes)
logo
Infineon Technologies A...
BB804 INFINEON-BB804 Datasheet
61Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
logo
NXP Semiconductors
BB804W PHILIPS-BB804W Datasheet
58Kb / 8P
   VHF variable capacitance double diode
1998 Nov 25
More results

Similar Description - BB804

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BB914 INFINEON-BB914 Datasheet
395Kb / 3P
   Silicon Variable Capacitance Diode
Dec-04-2002
logo
Sony Corporation
1T369 SONY-1T369 Datasheet
44Kb / 4P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB659E6805 INFINEON-BB659E6805 Datasheet
59Kb / 6P
   Silicon Variable Capacitance Diode
2005-10-19
BB439 INFINEON-BB439_07 Datasheet
55Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
BB640 INFINEON-BB640_07 Datasheet
56Kb / 5P
   Silicon Variable Capacitance Diode
2007-04-20
logo
Leshan Radio Company
BB535 LRC-BB535 Datasheet
83Kb / 3P
   Silicon Variable Capacitance Diode
logo
Infineon Technologies A...
BB679 INFINEON-BB679 Datasheet
404Kb / 4P
   Silicon Variable Capacitance Diode
Oct-25-2002
logo
Sony Corporation
1T363A SONY-1T363A Datasheet
57Kb / 5P
   Silicon Variable Capacitance Diode
1T365 SONY-1T365 Datasheet
47Kb / 4P
   Silicon Variable Capacitance Diode
1T362A SONY-1T362A Datasheet
52Kb / 4P
   Silicon Variable Capacitance Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com