Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH8501-FDC-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH8501-FDC-7
Description  HIGH ACCURACY LOW POWER / MICROPOWER LINEAR HALL EFFECT SENSOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH8501-FDC-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH8501-FDC-7 Datasheet HTML 3Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 4Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 5Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 6Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 7Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 8Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 9Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 10Page - Diodes Incorporated AH8501-FDC-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AH8501
Document number: DS37512 Rev. 1 - 2
7 of 19
www.diodes.com
February 2015
© Diodes Incorporated
AH8501
Electrical Characteristics (cont.) (Notes 11, 12 & 13) (@TA = +25°C, VDD = 1.8V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Magnetic Characteristics
BRANGE
Measurable Magnetic Flux Density
Range
VDD = 1.8V, TA =+25°C
±388
±400
±412
G
VDD = 3V, TA =+25°C
±382
±395
±408
G
GRES
Gauss Resolution
VDD = 1.8V, TA =+25°C
3.033
3.125
3.221
G/LSB
VDD = 3V, TA =+25°C
2.994
3.084
3.179
G/LSB
VNULL
Quiescent Output Voltage with zero
gauss
B = 0.5G, TA = +25°C
-
VDD / 2
-
V
VDD = 1.8V, TA = +25°C
0.882
0.9
0.918
V
VDD = 3V, TA = +25°C
1.47
1.5
1.53
V
VOFFSET
Quiescent Output Voltage Offset
B = 0.5G, VDD = 1.8V, TA = +25°C
-1%
-
1%
% of VDD
B = 0.5G, VDD = 3V, TA = +25°C
-1%
-
1%
% of VDD
B = 0.5G, VDD = 1.6V to 3.6V,
TA = -40°C to +85°C
(Note 14)
-1.5
-
1.5
% of VDD
VSENS
Output Voltage Sensitivity
VDD = 1.8V, TA = +25°C
2.183
2.25
2.318
mV/G
VDD = 3V, TA = +25°C
3.686
3.80
3.914
VSENS_ACC
Sensitivity Accuracy
VDD = 1.8V, TA = +25°C
-3
-
3
%
VDD = 3V, TA = +25°C
-3
-
3
%
VDD = fixed at any one voltage between 1.6V
to 3.6V,
TA = -40°C to +85°C
(Note 14, Note 15)
-6
-
6
%
TC_ERRSENS Sensitivity error over full temperature VDD=fixed, TA = -40°C to +85°C, (Note 14)
-3
-
3
%
Lin+
Positive linearity (span linearity)
VDD = 1.8V, TA = +25°C (Note 14)
-
99.9
-
%
VDD = 3.0V, TA = +25°C (Note 14)
-
99.7
-
%
Lin-
Negative linearity (span linearity)
VDD = 1.8V, TA = +25°C (Note 14)
-
100.1
-
%
VDD = 3.0V, TA = +25°C (Note 14)
-
100.4
-
%
Notes:
11. When power is initially turned on, the operating VDD (1.6V to 3.6V) must be applied to guarantee the output sampling.
The output state is valid after tON_INITIAL from supply voltage reaching the minimum operating voltage.
12. Typical data is at TA = +25°C, VDD = 1.8V unless otherwise stated.
13. Maximum and minimum parameters values over operating temperature range are not tested in production, they are guaranteed by design,
characterization and process control.
14. The parameter is not tested in production, they are guaranteed by design, characterization and process control.
15. This term constitutes of output voltage sensitivity temperature coefficient error and sensitivity trim accuracy.


Similar Part No. - AH8501-FDC-7

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
AH850 FARADAY-AH850 Datasheet
92Kb / 2P
   FULLY BUFFERED HYBRID OVERSAMPLED LUMINANCE FILTER
logo
Diodes Incorporated
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
   LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502-FDC-7 DIODES-AH8502-FDC-7 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
   HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
More results

Similar Description - AH8501-FDC-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
   HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
AH8500 DIODES-AH8500 Datasheet
856Kb / 19P
   LOW POWER/MICROPOWER LINEAR HALL EFFECT SENSOR
AH8502 DIODES-AH8502 Datasheet
648Kb / 19P
   MICROPOWER LINEAR HALL EFFECT SENSOR
logo
Allegro MicroSystems
ACS723KMA ALLEGRO-ACS723KMA Datasheet
786Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
   High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
   Linear Hall Effect Sensor
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
   Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
   LINEAR HALL EFFECT SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com