Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2810AMTR-G1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP2810AMTR-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2810AMTR-G1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2810AMTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2810AMTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
7
Typical Performance Characteristics
Figure 4. Supply Current vs. Ambient Temperature
Figure 5. Supply Current vs. Supply Voltage
Figure 6. Current Limit vs. Supply Voltage
Figure 7. Current Limit vs. Ambient Temperature
-40
-20
0
20
406080
0
10
20
30
40
50
60
70
80
90
100
V
IN=5V
Enable Active
No Load
Ambient Temperature (
oC)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-10
0
10
20
30
40
50
60
70
80
90
100
T
A=-40
oC
T
A= 25
oC
T
A= 85
oC
Enable Active
Supply Voltage (V)
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
T
A=25
oC
Enable Active
Supply Voltage (V)
-40
-20
0
20
406080
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
V
IN=3.3V
V
IN=5V
Enable Active
Ambient Temperature (
oC)


Similar Part No. - AP2810AMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2810AMTR-G1 DIODES-AP2810AMTR-G1 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
More results

Similar Description - AP2810AMTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
logo
BCD Semiconductor Manuf...
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
   500mA High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
YOBON TECHNOLOGIES,INC.
YB1901 YOBON-YB1901 Datasheet
859Kb / 12P
   2.0A High-Side Power Switch with Flag
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
   High-Side Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com