Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2820DMMTR-G1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2820DMMTR-G1
Description  High-side Power Distribution Switch with Enable and Flag
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2820DMMTR-G1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2820DMMTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2820DMMTR-G1 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Advance Datasheet
High-side Power Distribution Switch with Enable and Flag
AP2820
Jul. 2012 Rev 1. 7
BCD Semiconductor Manufacturing Limited
11
Typical Performance Characteristics (Continued)
Figure 12. Switch On Resistance vs. Supply Voltage
Figure 13. UVLO Voltage vs. Ambient Temperature
Figure 14. Flag Delay Time during Over Current
Figure 15. Flag Delay Time during Over Current
vs. Ambient Temperature
vs. Supply Voltage
3.0
3.5
4.0
4.5
5.0
5.5
30
40
50
60
70
80
90
100
T
A
=25
OC
Supply Voltage (V)
I
OUT
=2.0A
Enable Active
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
V
IN
Falling
Ambient Temperature (
OC)
Enable Active
V
IN
Rising
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
5
6
7
8
9
10
11
12
13
14
15
V
IN
=5V
Enable Active
Ambient Temperature (
OC)
3.0
3.5
4.0
4.5
5.0
5.5
6
8
10
12
14
T
A
=25
OC
Supply Voltage (V)
V
IN
=5V
Enable Active


Similar Part No. - AP2820DMMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
BCD Semiconductor Manuf...
AP2821KTR-G1 BCDSEMI-AP2821KTR-G1 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821KTR-G1 DIODES-AP2821KTR-G1 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
BCD Semiconductor Manuf...
AP2822 BCDSEMI-AP2822 Datasheet
621Kb / 19P
   0.5A to 2.0A High-side Power Distribution Switches
More results

Similar Description - AP2820DMMTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2810 BCDSEMI-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2815 DIODES-AP2815 Datasheet
633Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
Apr. 2012 Rev 1. 7
logo
BCD Semiconductor Manuf...
AP2815 BCDSEMI-AP2815 Datasheet
634Kb / 16P
   1.5A High-side Power Distribution Switch with Enable and Flag
logo
Diodes Incorporated
AP2810 DIODES-AP2810 Datasheet
684Kb / 14P
   1.0A High-side Power Distribution Switch with Enable and Flag
Jul. 2012 Rev 1. 2
logo
BCD Semiconductor Manuf...
AP2805 BCDSEMI-AP2805 Datasheet
691Kb / 16P
   500mA High-side Power Distribution Switch with Enable and Flag
AP2821 BCDSEMI-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
logo
Diodes Incorporated
AP2821 DIODES-AP2821 Datasheet
717Kb / 17P
   High-side Power Distribution Switch with Enable
Mar. 2013 Rev 2. 0
logo
YOBON TECHNOLOGIES,INC.
YB1901 YOBON-YB1901 Datasheet
859Kb / 12P
   2.0A High-Side Power Switch with Flag
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Global Mixed-mode Techn...
G5243A GMT-G5243A Datasheet
71Kb / 1P
   High-Side Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com