Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2822FKATR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2822FKATR-G1
Description  0.5A to 2.0A High-side Power Distribution Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2822FKATR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2822FKATR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2822FKATR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Preliminary Datasheet
0.5A to 2.0A High-side Power Distribution Switches
AP2822
Dec. 2012 Rev 1. 1
BCD Semiconductor Manufacturing Limited
4
Functional Block Diagram
Clock
Band Gap
Reference
UVLO
Gate Control
Over Current
Limiting
Thermal
Sense
FLAG
Deglitch Logic
Current
Sense
CMP
VIN
VOUT
GND
EN
3(1){4}[4]
2(2){2}[2]
4(4){3}[5]
5(5){1,5}[1]
FLAG
Shutdown
Signal
1(3)[3]
A(B){C}[D]
A: SOT-23-5(K Package)
B: SOT-23-5(KA Package)
C: SOT-23-5(KB Package)
D: SOT-23-5(KE Package)
Figure 3. Functional Block Diagram of AP2822


Similar Part No. - AP2822FKATR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820AMM-G1 BCDSEMI-AP2820AMM-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820AMMTR-G1 BCDSEMI-AP2820AMMTR-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820BMM-G1 BCDSEMI-AP2820BMM-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
AP2820BMMTR-G1 BCDSEMI-AP2820BMMTR-G1 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
More results

Similar Description - AP2822FKATR-G1

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
1N6513 DIGITRON-1N6513 Datasheet
143Kb / 2P
   0.5A-2.0A RECTIFIERS
logo
Texas Instruments
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
   POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
[Old version datasheet]   POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com