Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7342D-1833FS6-7 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7342D-1833FS6-7
Description  DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7342D-1833FS6-7 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7342D-1833FS6-7 Datasheet HTML 6Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 7Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 8Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 9Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 10Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 11Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 12Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 13Page - Diodes Incorporated AP7342D-1833FS6-7 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP7342
Document number: DS37614 Rev. 2 - 2
11 of 14
www.diodes.com
March 2015
© Diodes Incorporated
AP7342
Marking Information
(1)
X2-DFN1212-6
Part Number
VOUT1/VOUT2
Package
Identification Code
AP7342-3028FS6-7
3.0V/2.8V
X2-DFN1212-6
CAA
AP7342-3328FS6-7
3.3V/2.8V
X2-DFN1212-6
CAB
AP7342D-1218FS6-7
1.2V/1.8V
X2-DFN1212-6
CAC
AP7342D-1528FS6-7
1.5V/2.8V
X2-DFN1212-6
CAD
AP7342D-1815FS6-7
1.8V/1.5V
X2-DFN1212-6
CAE
AP7342D-1818FS6-7
1.8V/1.8V
X2-DFN1212-6
CAF
AP7342D-1828FS6-7
1.8V/2.8V
X2-DFN1212-6
CAG
AP7342D-1833FS6-7
1.8V/3.3V
X2-DFN1212-6
CAH
AP7342D-2518FS6-7
2.5V/1.8V
X2-DFN1212-6
CAJ
AP7342D-2812FS6-7
2.8V/1.2V
X2-DFN1212-6
CAK
AP7342D-2818FS6-7
2.8V/1.8V
X2-DFN1212-6
CAM
AP7342D-2825FS6-7
2.8V/2.5V
X2-DFN1212-6
CAN
AP7342D-2833FS6-7
2.8V/3.3V
X2-DFN1212-6
CAP
AP7342D-3018FS6-7
3.0V/1.8V
X2-DFN1212-6
CAR
AP7342D-3028FS6-7
3.0V/2.8V
X2-DFN1212-6
CAS
AP7342D-3030FS6-7
3.0V/3.0V
X2-DFN1212-6
CAT
AP7342D-3318FS6-7
3.3V/1.8V
X2-DFN1212-6
CAU
AP7342D-3328FS6-7
3.3V/2.8V
X2-DFN1212-6
CAV
AP7342D-3330FS6-7
3.3V/3.0V
X2-DFN1212-6
CAW
AP7342D-3333FS6-7
3.3V/3.3V
X2-DFN1212-6
CAX
AP7342D-3612FS6-7
3.6V/1.2V
X2-DFN1212-6
CAY


Similar Part No. - AP7342D-1833FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7342D-1833FS6-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315 DIODES-AP7315 Datasheet
643Kb / 23P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9016 INTERSIL-ISL9016 Datasheet
207Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com