Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7344D-2518RH4-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7344D-2518RH4-7
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344D-2518RH4-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7344D-2518RH4-7 Datasheet HTML 1Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 2Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 3Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 4Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 5Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 6Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 7Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 8Page - Diodes Incorporated AP7344D-2518RH4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
1 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Description
The AP7344 is a Dual low dropout regulator with high output voltage
accuracy, low RDSON, high PSRR, low output noise and low quiescent
current. This regulator is based on a CMOS process.
Each of regulators includes a voltage reference, error amplifier,
current limit circuit and an enable input to turn on/ off output. With the
integrated resistor network fixed output voltage versions can be
delivered.
With its low power consumption and line and load transient response,
the AP7344 is well suited for low power handheld communication
equipment.
The AP7344 is packaged in X2-DFN1612-8 package and allows for
smallest footprint and dense PCB layout.
Features
Low VIN and wide VIN range: 1.7V to 5.25V
Guarantee Output Current: 300mA
VOUT Accuracy ±1%
Ripple Rejection: 75dB at 1kHz
Low Output Noise: 60µVrms from 10Hz to 100kHz
Quiescent Current as Low as 50µA
VOUT Fixed 1.2V to 3.6V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free, Green Device (Note 3)
Pin Assignments
Applications
Smart Phone/PAD
RF Supply
Cameras
Portable Video
Portable Media Player
Wireless Adapter
Wireless Communication
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
AP7344
AP7344
VIN1
EN1
GND
VOUT1
VIN1
VOUT1
CIN1
1.0
mF
COUT1
1.0
mF
EN2
VOUT2
VOUT2
COUT2
1.0
mF
VIN2
CIN2
1.0
mF
VIN2


Similar Part No. - AP7344D-2518RH4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7344D-2518RH4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
   DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com