Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7315D-185FS4-7B Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP7315D-185FS4-7B
Description  150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7315D-185FS4-7B Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP7315D-185FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 9Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 10Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 11Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 12Page - Diodes Incorporated AP7315D-185FS4-7B Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AP7315
Document number: DS38352 Rev. 1 - 2
9 of 23
www.diodes.com
December 2015
© Diodes Incorporated
AP7315
Typical Characteristics (Cont.)
AP7315-25
Time t (µs)
Output Voltage
Output Current
1mA
 150mA
0
20
40
60
80
100
2.50
2.30
2.70
300
150
0
2.10
V
IN=3.5V
tr=tf=0.5µs
AP7315-25
Time t (µs)
Output Voltage
CE Input Voltage
0
40
80
120
160
200
1
0
2
3
2
1
3
I
OUT=0mA
0
AP7315-25
Time t (µs)
Output Voltage
CE Input Voltage
0
40
80
120
160
200
1
0
2
3
2
1
3
I
OUT=150mA
0
AP7315-33
Time t (µs)
Output Voltage
CE Input Voltage
0
40
80
120
160
200
1
0
2
3
2
1
I
OUT=0mA
0
3
AP7315-33
Time t (µs)
Output Voltage
CE Input Voltage
0
40
80
120
160
200
1
0
2
3
2
1
I
OUT=150mA
0
3
AP7315-33
Time t (µs)
Output Voltage
Output Current
1mA
 150mA
0
20
40
60
80
100
300
150
0
3.30
3.10
3.50
2.90
V
IN=4.3V
tr=tf=0.5µs
100


Similar Part No. - AP7315D-185FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7315DQ-11W5-7 DIODES-AP7315DQ-11W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-12W5-7 DIODES-AP7315DQ-12W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-15W5-7 DIODES-AP7315DQ-15W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-172W5-7 DIODES-AP7315DQ-172W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7315DQ-18W5-7 DIODES-AP7315DQ-18W5-7 Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
More results

Similar Description - AP7315D-185FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
   DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7315Q DIODES-AP7315Q Datasheet
637Kb / 12P
   AUTOMOTIVE COMPLIANT 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
January 2021
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
TS5205 TSC-TS5205_1 Datasheet
183Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com