Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7344D-3330RH4-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7344D-3330RH4-7
Description  DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7344D-3330RH4-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7344D-3330RH4-7 Datasheet HTML 1Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 2Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 3Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 4Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 5Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 6Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 7Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 8Page - Diodes Incorporated AP7344D-3330RH4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AP7344
Document number: DS37368 Rev. 1 - 2
5 of 15
www.diodes.com
January 2015
© Diodes Incorporated
AP7344
Performance Characteristics
0.0
0.4
0.8
1.2
1.6
2.0
0
100
200
300
400
500
600
Output Current I
OUT (mA)
Output Voltage vs. Output Current
V
OUT=1.8V
Vin=2.8V
Vin=4.2V
Vin=5V
Vin=5.25V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
600
Output Current I
OUT (mA)
Output Voltage vs. Output Current
V
OUT=2.8V
Vin=3.8V
Vin=5V
Vin=5.25V
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
Input Voltage V
IN (V)
Output Voltage vs. Input Voltage
V
OUT=1.8V
Iout=1mA
Iout=30mA
Iout=50mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
2
3
4
5
Input Voltage V
IN (V)
Output Voltage vs. Input Voltage
V
OUT=2.8V
Iout=1mA
Iout=30mA
Iout=50mA
0
10
20
30
40
50
60
70
0
1
2
3
4
5
Input Voltage V
IN (V)
Supply Current vs. Input Voltage
V
OUT=1.8V
0
10
20
30
40
50
60
70
0
1
2
3
4
5
Input Voltage V
IN (V)
Supply Current vs. Input Voltage
V
OUT=2.8V


Similar Part No. - AP7344D-3330RH4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-12FS4-7 DIODES-AP7340-12FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-15FS4-7 DIODES-AP7340-15FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-185FS4-7 DIODES-AP7340-185FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7340-18FS4-7 DIODES-AP7340-18FS4-7 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results

Similar Description - AP7344D-3330RH4-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7343 DIODES-AP7343 Datasheet
1Mb / 16P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7342 DIODES-AP7342 Datasheet
2Mb / 14P
   DUAL 150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com