Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7343D-15FS4-7B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP7343D-15FS4-7B
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343D-15FS4-7B Datasheet(HTML) 3 Page - Diodes Incorporated

  AP7343D-15FS4-7B Datasheet HTML 1Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 2Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 3Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 4Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7343D-15FS4-7B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
3 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
Electrical Characteristics (@TA = +25°C, VEN = VOUT +1.0V, CIN = COUT = 1.0µF, IOUT = 1.0mA, unless otherwise specified.)
Parameter
Condition
Min
Typ
Max
Units
Input Voltage
TA = -40°C to +85°C
1.7
-
5.25
V
Output Voltage Accuracy (Note 11)
Vout(T)≥2.0V Vin=Vout(T)+1V
TA = +25°C
Vout(T)*0.99 Vout (T) Vout(T)*1.01
V
Vout(T)<2.0V Vin=Vout(T)+1V
TA = +25°C
Vout(T)-
20mV
Vout (T) Vout(T)+20mV
Line Regulation (dVOUT/dVIN/VOUT)
VIN = (VOUT – Nom +1.0V) to 5.25V, IOUT = 1.0mA
-
0.02
0.1
%/V
Load Regulation
VIN = VOUT - Nom +1.0V, IOUT = 1mA to 300mA
-
15
30
mV
Quiescent Current (Note 6)
IOUT = 0mA
-
35
60
uA
ISTANDBY
VEN = 0V (Disabled)
-
0.01
1.0
uA
Output Current
-
300
-
mA
Fold-back Short Current (Note 7)
VOUT short to ground
-
55
-
mA
PSRR (Note 8)
VIN = [VOUT+1V] VDC + 0.2Vp-pAC,
VOUT ≥1.8V, IOUT = 30mA
f = 1kHz
-
75
-
dB
Output Noise Voltage (Note 8) (Note 9) BW = 10Hz to 100kHz, IOUT = 30mA
-
60
-
µVrms
Dropout Voltage (Note 4)
(Note 5)
IOUT = 300mA
Vout=0.9V
-
0.51
0.80
V
1.0
V≤ VOUT<1.2V
-
0.46
0.70
1.2
V≤ VOUT<1.4V
-
0.39
0.58
1.4
V≤ VOUT<1.7V
-
0.35
0.44
1.7
V≤ VOUT<2.1V
-
0.30
0.39
2.1
V≤ VOUT<2.5V
-
0.26
0.34
2.5
V≤ VOUT<3.0V
-
0.25
0.30
3.0
V≤ VOUT<3.6 V
-
0.22
0.29
Output Voltage Temperature Coefficient IOUT = 30mA, TA = -40°C to +85°C
-
±30
-
ppm/°C
Over-Temperature Protection
-
-
+150
-
°C
EN Input Low Voltage
-
0
-
0.5
V
EN Input High Voltage
-
1.3
-
5.25
V
EN Input Leakage
VEN = 0, VIN = 5.0V or VEN = 5.0V, VIN = 0V
-1.0
-
+1.0
µA
On Resistance of N-Channel for Auto-
Discharge (Note 10)
VIN = 4.0V VEN = 0V (Disabled)
-
30
-
Ω
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value.
6. Quiescent current is defined here is the difference in current between the input and the output.
7. Short circuit current is measured with VOUT pulled to GND.
8. This specification is guaranteed by design.
9. To make sure lowest environment noise minimizes the influence on noise measurement.
10. AP7343 has 2 options for output, built-in discharge and non-discharge.
11. Potential multiple grades based on following output voltage accuracy.


Similar Part No. - AP7343D-15FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7343DQ-09W5-7 DIODES-AP7343DQ-09W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-10W5-7 DIODES-AP7343DQ-10W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-11W5-7 DIODES-AP7343DQ-11W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-12W5-7 DIODES-AP7343DQ-12W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-15W5-7 DIODES-AP7343DQ-15W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
More results

Similar Description - AP7343D-15FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com