Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7343D-20FS4-7B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7343D-20FS4-7B
Description  300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7343D-20FS4-7B Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7343D-20FS4-7B Datasheet HTML 1Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 2Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 3Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 4Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 5Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 6Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 7Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 8Page - Diodes Incorporated AP7343D-20FS4-7B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP7343
Document number: DS37952 Rev. 2 - 2
1 of 16
www.diodes.com
December 2015
© Diodes Incorporated
AP7343
300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
Description
The AP7343 is a low dropout regulator with high output voltage
accuracy, low RDSON, high PSRR, low output noise and low quiescent
current. This regulator is based on a CMOS process.
The AP7343 includes a voltage reference, error amplifier, current limit
circuit and an enable input to turn it on and off. With the integrated
resistor network fixed output voltage versions can be delivered.
With its low power consumption and line and load transient response,
the AP7343 is well suited for low power handheld communication
equipment.
The AP7343 is packaged in an X2-DFN1010-4 package and allows
for smallest footprint and dense PCB layout.
Features
Low VIN and Wide VIN Range: 1.7V to 5.25V
Guarantee Output Current: 300mA
VOUT Accuracy ±1%
Ripple Rejection 75dB at 1kHz
Low Output Noise, 60µVrms from 10Hz to 100kHz
Quiescent Current as Low as 35µA
VOUT Fixed 0.9V to 3.6V
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
PIN1
– VOUT, PIN2 – GND, PIN3 – EN, PIN4 – VIN
Applications
Smart Phone/tablet
RF Supply
Cameras
Portable Video
Portable Media Player
Wireless Adapter
Wireless Communication
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free,"Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Typical Applications Circuit
Figure 1 Typical Application Circuit


Similar Part No. - AP7343D-20FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7343DQ-09W5-7 DIODES-AP7343DQ-09W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-10W5-7 DIODES-AP7343DQ-10W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-11W5-7 DIODES-AP7343DQ-11W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-12W5-7 DIODES-AP7343DQ-12W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
AP7343DQ-15W5-7 DIODES-AP7343DQ-15W5-7 Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
More results

Similar Description - AP7343D-20FS4-7B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7341 DIODES-AP7341 Datasheet
1Mb / 14P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7330 DIODES-AP7330 Datasheet
1Mb / 13P
   300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
February 2018
AP7345D DIODES-AP7345D Datasheet
1Mb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
December 2018
AP7344 DIODES-AP7344 Datasheet
920Kb / 15P
   DUAL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
AP7348 DIODES-AP7348 Datasheet
1Mb / 15P
   4 CHANNEL 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
August 2020 Rev. 3 - 2
AP7343Q DIODES-AP7343Q Datasheet
1Mb / 16P
   AUTOMOTIVE COMPLIANT 300mA HIGH PSRR LOW NOISE LDO WITH ENABLE
April 2022
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Diodes Incorporated
AP7340 DIODES-AP7340 Datasheet
974Kb / 15P
   150mA HIGH PSRR LOW NOISE LDO WITH ENABLE
logo
Fitipower Integrated Te...
FP6146 FITIPOWER-FP6146 Datasheet
885Kb / 17P
   300mA Low Noise High PSRR LDO with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com