Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP9234L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP9234L
Description  HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP9234L Datasheet(HTML) 4 Page - Diodes Incorporated

  AP9234L Datasheet HTML 1Page - Diodes Incorporated AP9234L Datasheet HTML 2Page - Diodes Incorporated AP9234L Datasheet HTML 3Page - Diodes Incorporated AP9234L Datasheet HTML 4Page - Diodes Incorporated AP9234L Datasheet HTML 5Page - Diodes Incorporated AP9234L Datasheet HTML 6Page - Diodes Incorporated AP9234L Datasheet HTML 7Page - Diodes Incorporated AP9234L Datasheet HTML 8Page - Diodes Incorporated AP9234L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP9234L
Document number: DS38205 Rev. 1 - 2
4 of 14
www.diodes.com
December 2015
© Diodes Incorporated
AP9234L
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage (between VDD and VSS)
1.5
5.5
V
VDM
Charge Input Voltage (between VDD and VM)
-0.3
5.5
V
TA
Operating Ambient Temperature
-40
+85
°C
Electrical Characteristics (TA = +25°C, VDD = 3.5V, VSS = 0V, R1 = 220Ω, R2 = 1.0kΩ, C1 = 100nF, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCU
Overcharge Detection Voltage
VM=0V
VCU
- 0.015
VCU
VCU
+ 0.025
V
VCL
Overcharge Release Voltage
VCL ≠ VCU
VCL
- 0.050
VCL
VCL
+ 0.050
V
VCL = VCU
VCL
- 0.015
VCL
VCL
+ 0.025
V
VDL
Overdischarge Detection Voltage
VM=0V
VDL
- 0.035
VDL
VDL
+ 0.035
V
VDU
Overdischarge Release Voltage
VDU ≠ VDL
VDU
- 0.065
VDU
VDU
+ 0.065
V
VDU = VDL
VDU
- 0.035
VDU
VDU
+ 0.035
V
VDOC
Discharge Overcurrent Detection Voltage
VDD = 3.5V
VDOC
-0.012
VDOC
VDOC
+0.012
V
VSHORT
Load Short Detection Voltage
VDD = 3.5V
VSHORT
-0.100
VSHORT
VSHORT
+0.100
V
VCOC
Charge Overcurrent Detection Voltage
VDD = 3.5V
VCOC
-0.012
VCOC
VCOC
+0.012
V
ICC
Current Consumption during Operation
VDD=3.5V, VM=0V
3
4.5
μA
ISTB
Current Consumption at Standby
VDD=1.8V, VM Pin Floating
3.5
5.5
μA
RVMD
Resistance between VM Pin and VDD Pin
VDD=1.8V, VM=0V
150
300
500
RVMS
Resistance between VM Pin and VSS Pin
VDD=3.5V, VM=1.0V
10
30
50
V0CHA
0V Battery Charge Starting Charge Voltage
0V battery charging
“available”
1.2
V
V0INH
0V Battery Charge Inhibition Battery Voltage
0V b
attery charging “unavailable”
0.45
V
VOVCHG
Overvoltage Charge Detection Voltage
VDD=3.5V
6.0
8.0
10.0
V
VOVCHGR Overvoltage Charge Release Voltage
VDD=3.5V
5.3
7.3
9.3
V
tCU
Overcharge Detection Delay Time
VCC=3.6->4.5V
800
1,000
1,200
ms
tCUR
Overcharge Release Delay Time
VM=0.0V
1.6
2
2.4
ms
tDL
Overdischarge Detection Delay Time
VCC=3.6->2.0V
92
115
138
ms
tDLR
Overdischarge Release Delay Time
VM=0.0V
1.6
2
2.4
ms
tDOC
Discharge Overcurrent Detection Delay Time
VCC=3.6V
8
10
12
ms
tDOCR
Discharge Overcurrent Release Delay Time
VM=0.0V
1.6
2.0
2.4
ms
tSHORT
Load Short Detection Delay Time
VCC=3.6V
288
360
432
μs
tCOC
Charge Overcurrent Detection Delay Time
VCC=3.6V
8
10
12
ms
tCOCR
Charge Overcurrent Release Delay Time
VM=0.0V
1.6
2
2.4
ms


Similar Part No. - AP9234L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AA-HAC-7 DIODES-AP9211S-AA-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AB-HAC-7 DIODES-AP9211S-AB-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AC-HAC-7 DIODES-AP9211S-AC-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211S-AD-HAC-7 DIODES-AP9211S-AD-HAC-7 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
More results

Similar Description - AP9234L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP9101C DIODES-AP9101C Datasheet
742Kb / 18P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9211 DIODES-AP9211 Datasheet
532Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9214L DIODES-AP9214L Datasheet
689Kb / 17P
   SINGLE CHIP SOLUTION FOR 1-CELL Li BATTERY PACK
AP9221 DIODES-AP9221 Datasheet
503Kb / 16P
   SINGLE CHIP BATTERY PROTECTION SOLUTION FOR 1-CELL Li BATTERY PACK
May 2021
logo
Shenzhen Huazhimei Semi...
HM5407H HMSEMI-HM5407H Datasheet
1Mb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
HM5452G HMSEMI-HM5452G Datasheet
685Kb / 11P
   Single-cell Li-ion/Li-polymer rechargeable battery pack protection chip
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com