Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBY51-02L Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BBY51-02L
Description  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY51-02L Datasheet(HTML) 1 Page - Infineon Technologies AG

  BBY51-02L Datasheet HTML 1Page - Infineon Technologies AG BBY51-02L Datasheet HTML 2Page - Infineon Technologies AG BBY51-02L Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dec-15-2003
1
BBY51...
Silicon Tuning Diode
• High Q hyperabrupt tuning diode
• Designed for low tuning voltage operation
• For VCO's in mobile communications equipment
BBY51
BBY51-02L
BBY51-02W
BBY51-03W
3
1
D 2
2
D 1
1
2
Type
Package
Configuration
LS(nH) Marking
BBY51
BBY51-02L*
BBY51-02W
BBY51-03W
SOT23
TSLP-2-1
SCD80
SOD323
common cathode
single, leadless
single
single
2
0.4
0.6
1.8
S3s
II
II
H
* Preliminary
Maximum Ratings at TA = 25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Diode reverse voltage
VR
7
V
Forward current
IF
20
mA
Operating temperature range
Top
-55 ... 125
°C
Storage temperature
Tstg
-55 ... 150


Similar Part No. - BBY51-02L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY51-02L INFINEON-BBY51-02L Datasheet
100Kb / 9P
   Silicon Tuning Diode
2007-04-20
More results

Similar Description - BBY51-02L

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com