Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117I Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AZ1117I
Description  LOW DROPOUT LINEAR REGULATOR WITH INDUSTRIAL TEMPERATURE RANGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ1117I Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AZ1117I Datasheet HTML 6Page - Diodes Incorporated AZ1117I Datasheet HTML 7Page - Diodes Incorporated AZ1117I Datasheet HTML 8Page - Diodes Incorporated AZ1117I Datasheet HTML 9Page - Diodes Incorporated AZ1117I Datasheet HTML 10Page - Diodes Incorporated AZ1117I Datasheet HTML 11Page - Diodes Incorporated AZ1117I Datasheet HTML 12Page - Diodes Incorporated AZ1117I Datasheet HTML 13Page - Diodes Incorporated AZ1117I Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AZ1117I
Document number: DS38213 Rev. 1 - 2
10 of 15
www.diodes.com
December 2015
© Diodes Incorporated
AZ1117I
Ordering Information
AZ1117I X - XX XX XX
Packing
Package
TR : Tape & Reel
H : SOT223
D : TO252-2
Product Name
RoHS/Green
G1 : Green
Output Voltage
ADJ : Adjustable Output
1.5 : Fixed Output 1.5V
1.8 : Fixed Output 1.8V
2.5 : Fixed Output 2.5V
3.3 : Fixed Output 3.3V
1.2 : Fixed Output 1.2V
5.0 : Fixed Output 5.0V
Package
Temperature
Range
Part Number
Marking ID
Packing
SOT223
-40°C to +125
C
AZ1117IH-ADJTRG1
GH86J
4000/Tape & Reel
AZ1117IH-1.2TRG1
GH86K
4000/Tape & Reel
AZ1117IH-1.5TRG1
GH86L
4000/Tape & Reel
AZ1117IH-1.8TRG1
GH86M
4000/Tape & Reel
AZ1117IH-2.5TRG1
GH86N
4000/Tape & Reel
AZ1117IH-3.3TRG1
GH86P
4000/Tape & Reel
AZ1117IH-5.0TRG1
GH86Q
4000/Tape & Reel
TO252-2
AZ1117ID-ADJTRG1
AZ1117ID-ADJG1
2500/Tape & Reel
AZ1117ID-1.2TRG1
AZ1117ID-1.2G1
2500/Tape & Reel
AZ1117ID-1.5TRG1
AZ1117ID-1.5G1
2500/Tape & Reel
AZ1117ID-1.8TRG1
AZ1117ID-1.8G1
2500/Tape & Reel
AZ1117ID-2.5TRG1
AZ1117ID-2.5G1
2500/Tape & Reel
AZ1117ID-3.3TRG1
AZ1117ID-3.3G1
2500/Tape & Reel
AZ1117ID-5.0TRG1
AZ1117ID-5.0G1
2500/Tape & Reel
Marking Information
(1)
SOT223
(Top View)
(2)
TO252-2
(Top View)
XXXXX
YWWAXX
First Line: Logo and Marking ID
(See Ordering Information)
Second Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number
AZ1117ID
-X.XG1
YWWAXX
First and Second Lines: Logo and Marking ID
(See Ordering Information)
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number


Similar Part No. - AZ1117I

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117I

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
Monolithic Power System...
MPQ8903 MPS-MPQ8903 Datasheet
226Kb / 8P
   Industrial Grade, Low Dropout 150mA Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com