Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117IH-1.2TRG1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AZ1117IH-1.2TRG1
Description  LOW DROPOUT LINEAR REGULATOR WITH INDUSTRIAL TEMPERATURE RANGE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZ1117IH-1.2TRG1 Datasheet(HTML) 1 Page - Diodes Incorporated

  AZ1117IH-1.2TRG1 Datasheet HTML 1Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 2Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 3Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 4Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 5Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 6Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 7Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 8Page - Diodes Incorporated AZ1117IH-1.2TRG1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AZ1117I
Document number: DS38213 Rev. 1 - 2
1 of 15
www.diodes.com
December 2015
© Diodes Incorporated
AZ1117I
LOW DROPOUT LINEAR REGULATOR WITH INDUSTRIAL TEMPERATURE RANGE
Description
The AZ1117I is available in industrial temperature range low dropout
three-terminal regulator.
The AZ1117I is optimized for low voltage where transient response
and minimum input voltage are critical. It provides current limit and
thermal shutdown. Its circuit includes a trimmed bandgap reference to
assure output voltage accuracy to be within ±1%. On-chip thermal
shutdown provides protection against a combination of high current
and ambient temperature that would create excessive junction
temperature.
The AZ1117I is available in 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V fixed
output voltage versions and ADJ output voltage version. The fixed
versions integrate the adjust resistors. It is also available in an
adjustable version which can set the output voltage with two external
resistors.
The AZ1117I is available in the industry-standard SOT223 and
TO252-2 power packages.
Features
Current Limit: 1.35A (Typ)
Output Noise from 10Hz to 10KHz: 0.003% of VOUT
PSRR at IOUT = 300mA and f = 120Hz: 70dB
Output Voltage Accuracy: ±1% (Except 1.2V Version)
On-chip Thermal Shutdown
Maximum Quiescent Current: IQMAX = 6mA
Compatible with Low ESR Ceramic Capacitor
Operation Junction Temperature: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
SOT223
(Top View)
TO252-2
Applications
USB Device
Add-on Card
DVD Player
PC Motherboard
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
VOUT
INPUT
OUTPUT
ADJ/GND
1
2
3
1
2
3
INPUT
OUTPUT
ADJ/GND


Similar Part No. - AZ1117IH-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117 Datasheet
224Kb / 24P
   1A LOW DROPOUT LINEAR REGULATOR
AZ1117 BCDSEMI-AZ1117 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117 DIODES-AZ1117 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
More results

Similar Description - AZ1117IH-1.2TRG1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
Monolithic Power System...
MPQ8903 MPS-MPQ8903 Datasheet
226Kb / 8P
   Industrial Grade, Low Dropout 150mA Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com