Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BBY57 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BBY57
Description  Silicon Tuning Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BBY57 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BBY57 Datasheet HTML 1Page - Infineon Technologies AG BBY57 Datasheet HTML 2Page - Infineon Technologies AG BBY57 Datasheet HTML 3Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mar-19-2003
3
BBY57...
Diode capacitance CT = (VR)
f
= 1MHz
0
0.5
1
1.5
2
2.5
3
V
4
VR
0
5
10
15
20
25
30
pF
40
Normalized diode capacitance
C(TA)/C(25°C)= (TA); f = 1MHz
-30
-10
10
30
50
70
°C
100
TA
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
-
1.06
1V
4V
Temperature coefficient of the diode
capacitance TCc =  (VR)
0
0.5
1
1.5
2
2.5
3
V
4
VR
-4
10
-3
10
-2
10
1/°C


Similar Part No. - BBY57

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY57 INFINEON-BBY57 Datasheet
99Kb / 9P
   Silicon Tuning Diode
2007-04-20
BBY57-02L INFINEON-BBY57-02L Datasheet
99Kb / 9P
   Silicon Tuning Diode
2007-04-20
BBY57-02V INFINEON-BBY57-02V Datasheet
99Kb / 9P
   Silicon Tuning Diode
2007-04-20
logo
Siemens Semiconductor G...
BBY57-02W SIEMENS-BBY57-02W Datasheet
14Kb / 3P
   Silicon Tuning Diode (Excellent linearity High Q hyperabrupt tuning diode Low series inductance High capacitance ratio)
logo
Infineon Technologies A...
BBY57-02W INFINEON-BBY57-02W Datasheet
99Kb / 9P
   Silicon Tuning Diode
2007-04-20
More results

Similar Description - BBY57

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBV809LT1 LRC-MMBV809LT1 Datasheet
90Kb / 2P
   Silicon Tuning Diode
logo
Infineon Technologies A...
BBY51 INFINEON-BBY51 Datasheet
444Kb / 3P
   Silicon Tuning Diode
Dec-15-2003
logo
ON Semiconductor
MMVL2105T1 ONSEMI-MMVL2105T1 Datasheet
49Kb / 4P
   Silicon Tuning Diode
February, 2006 ??Rev. 1
MMBV409LT1 ONSEMI-MMBV409LT1 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV432LT1 ONSEMI-MMBV432LT1_06 Datasheet
48Kb / 4P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
MMBV609LT1 ONSEMI-MMBV609LT1_06 Datasheet
46Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 3
MMBV809LT1 ONSEMI-MMBV809LT1_06 Datasheet
47Kb / 3P
   Silicon Tuning Diode
January, 2006 ??Rev. 4
logo
Infineon Technologies A...
BBY59 INFINEON-BBY59_07 Datasheet
58Kb / 6P
   Silicon Tuning Diode
2007-04-20
BB837 INFINEON-BB837_07 Datasheet
76Kb / 7P
   Silicon Tuning Diode
2007-04-20
BBY65 INFINEON-BBY65_07 Datasheet
56Kb / 6P
   Silicon Tuning Diode
2007-04-20
logo
ON Semiconductor
MMVL105GT1 ONSEMI-MMVL105GT1_06 Datasheet
42Kb / 3P
   Silicon Tuning Diode
February, 2006 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com