Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2112 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # CP2112
Description  DEVICE CUSTOMIZATION GUIDE
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2112 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button CP2112 Datasheet HTML 4Page - Silicon Laboratories CP2112 Datasheet HTML 5Page - Silicon Laboratories CP2112 Datasheet HTML 6Page - Silicon Laboratories CP2112 Datasheet HTML 7Page - Silicon Laboratories CP2112 Datasheet HTML 8Page - Silicon Laboratories CP2112 Datasheet HTML 9Page - Silicon Laboratories CP2112 Datasheet HTML 10Page - Silicon Laboratories CP2112 Datasheet HTML 11Page - Silicon Laboratories CP2112 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
AN721
8
Rev. 1.2
4.1. Set IDs Tab CP2110, CP2114, and CP2130 Devices
Figure 4 shows the following modifiable parameters for the CP2110/CP2114/CP2130:
1. VID—The Vendor ID is a four hexadecimal digit number such as 10C4.
2. PID—The Product ID is a four hexadecimal digit number such as EAB0.
3. Power—This is a two hexadecimal digit number such as 10 with a maximum setting of 250. Note this
number corresponds to units of current in 2 mA increments. Therefore a value of 10 corresponds to 32 mA.
4. Power Mode—There are three different power mode options. Click the field to see the options. 00
corresponds to Bus Powered, 01 is Self Powered with Voltage Regulator Disabled, 02 is Self Powered with
Voltage Regulator Enabled.
5. Release Version—The release version is a numerical identifier of the device release version. Each field is
a decimal number value 0–99. The first two digits are the major version number and the last two are the
minor digits. 0100 corresponds to Major Version 01, Minor Version 00.
Figure 5. CP2110/CP2114 Flush Buffers Options
6. Flush Buffers (CP2110/CP2114 only)—The flush buffers options shown above in Figure 5 allows open
and close options on the RX and TX. Check the options required for the application.
7. Manufacturer—This is the name of the company manufacturing the product.
8. Product Description—The Product Description can be any sequence of up to 126 characters. Usually this
is text which provides a description of the device, such as CP2103 USB to UART Bridge Controller.
9. Serial Number—The Serial Number can be any sequence of up to 63 characters.
10.Transfer Priority (CP2130 only)—The CP2130 supports double-buffered USB OUT transfers in high-priority
write mode or double-buffered USB IN transfers in high-priority read mode.


Similar Part No. - CP2112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2112 SILABS-CP2112 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
CP2112 SILABS-CP2112 Datasheet
113Kb / 22P
   INTERFACE SPECIFICATION
CP2112 SILABS-CP2112 Datasheet
170Kb / 36P
   HID USB-TO-SMBUS API SPECIFICATION
CP2112 SILABS-CP2112 Datasheet
225Kb / 22P
   SINGLE-CHIP HID USB TO SMBUS MASTER BRIDGE
CP2112-EK SILABS-CP2112-EK Datasheet
434Kb / 14P
   Quick Start Guide
More results

Similar Description - CP2112

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN144 SILABS-AN144 Datasheet
322Kb / 30P
   DEVICE CUSTOMIZATION GUIDE
logo
Abracon Corporation
APAE1575R2540BBDB1-T ABRACON-APAE1575R2540BBDB1-T Datasheet
2Mb / 3P
   Customization Available
11.14.13
APAE1621R2540ABDD1-T ABRACON-APAE1621R2540ABDD1-T Datasheet
2Mb / 3P
   Customization Available
12.10.15
APAE2338L2540DDDB1-T ABRACON-APAE2338L2540DDDB1-T Datasheet
2Mb / 3P
   Customization Available
07.20.2016
logo
Silicon Laboratories
AN220 SILABS-AN220 Datasheet
452Kb / 8P
   USB DRIVER CUSTOMIZATION
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
MC9S12DT128 FREESCALE-MC9S12DT128 Datasheet
6Mb / 142P
   Device User Guide
MC9S12DT128_1002 FREESCALE-MC9S12DT128_1002 Datasheet
1Mb / 140P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com