Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN949 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # AN949
Description  TouchXpress Programming
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN949 Datasheet(HTML) 2 Page - Silicon Laboratories

  AN949 Datasheet HTML 1Page - Silicon Laboratories AN949 Datasheet HTML 2Page - Silicon Laboratories AN949 Datasheet HTML 3Page - Silicon Laboratories AN949 Datasheet HTML 4Page - Silicon Laboratories AN949 Datasheet HTML 5Page - Silicon Laboratories AN949 Datasheet HTML 6Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1. In-System Programming
In-system programming involves programming devices after installation in the end system, as in the case of the Capacitive Sense Eval-
uation Boards. In this scenario, access to the config pins (Config Clk or Config Data) is provided in the end system to enable connection
to a programming master. This programming master can be a Silicon Labs USB Debug Adapter (UDA) or a ToolStick Base Adapter.
The 8-bit USB Debug Adapter (DEBUGADPTR1-USB, available here: https://www.silabs.com/products/mcu/Pages/USBDebug.aspx) or
the ToolStick Debug Adapter (available at http://www.silabs.com/toolstick) can be used to program TouchXpress devices. These adapt-
ers provide a 2 x 5 0.1" header that can be connected to the custom PCB to program the TouchXpress device. If this header is too large
for the application system, three test points can be located on the edge of the PCB for use with an adapter cable.
USB
Debug
Adapter
ToolStick Debug Adapter
Figure 1.1. USB Debug Adapter and ToolStick Debug Adapter
The required connections to program a TouchXpress device with the USB Debug Adpater or ToolStick Debug Adapter are:
Table 1.1. Required Connections for USB Debug Adapter or ToolStick Debug Adapter Programming
TouchXpress Device Pin
USB Debug Adapter or ToolStick Debug Adapter Pin
Config Clk
TDI / C2CK (pin 7)
Config Data
TCK / C2D (pin 4)
GND
GND (Ground) (pins 2, 3, or 9)
More information on the USB Debug Adapter can be found in the USB Debug Adapter User Guide, which is available from the page
linked above. More information about the ToolStick Debug Adapter can be found in the ToolStick Debug Adapter User Guide, which is
linked on the ToolStick website (http://www.silabs.com/toolstick).
AN949: TouchXpress™ Programming Guide
In-System Programming
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.1 | 1


Similar Part No. - AN949

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
   Digital Potentiometers
logo
ZF Friedrichshafen AG
AN9 ZFSWITCHES-AN9 Datasheet
397Kb / 2P
   Thin, programmable, non-contact magnetic position sensors capable of continuous rotation with dual outputs
logo
STMicroelectronics
AN900 STMICROELECTRONICS-AN900 Datasheet
787Kb / 15P
   INTRODUCTION TO SEMICONDUCTOR TECHNOLOGY
logo
Fairchild Semiconductor
AN9008 FAIRCHILD-AN9008 Datasheet
130Kb / 9P
   The Use of QFETs in a Flyback Converter
logo
STMicroelectronics
AN901 STMICROELECTRONICS-AN901 Datasheet
88Kb / 14P
   Electromagnetic compatibility
More results

Similar Description - AN949

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CPT212B SILABS-CPT212B Datasheet
895Kb / 40P
   TouchXpress??Family
CPT213B SILABS-CPT213B Datasheet
815Kb / 33P
   TouchXpress??Family
AN957 SILABS-AN957 Datasheet
2Mb / 25P
   TouchXpress Configuration and Profiling Guide
logo
Aries Electronics, Inc.
T-680 ARIES-T-680 Datasheet
380Kb / 1P
   Programming Tool
logo
Pepperl+Fuchs Inc.
UC-PROG1-USB PF-UC-PROG1-USB Datasheet
6Mb / 4P
   Programming adapter
logo
Tyco Electronics
2-1437507-0 MACOM-2-1437507-0 Datasheet
181Kb / 1P
   PROGRAMMING PLUG
logo
M-System Co.,Ltd.
PU-2A MSYSTEM-PU-2A Datasheet
98Kb / 2P
   PROGRAMMING UNIT
logo
CUI INC
AMT-PGRM CUI-AMT-PGRM Datasheet
324Kb / 3P
   PROGRAMMING MODULE
logo
Pepperl+Fuchs Inc.
UB-PROG4-V15 PF-UB-PROG4-V15 Datasheet
430Kb / 2P
   Programming unit
logo
STMicroelectronics
ST486DX STMICROELECTRONICS-ST486DX Datasheet
156Kb / 34P
   PROGRAMMING MANUAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com