Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DGD2190S8-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DGD2190S8-13
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2190S8-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DGD2190S8-13 Datasheet HTML 1Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 2Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 3Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 4Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 5Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 6Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 7Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 8Page - Diodes Incorporated DGD2190S8-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DGD2190
Document Number DS38327 Rev. 3 - 2
1 of 11
www.diodes.com
February 2016
© Diodes Incorporated
DGD2190
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Description
The DGD2190 is a high voltage/high speed gate driver capable of
driving N-Channel MOSFETs and IGBTs in a half bridge configuration.
High voltage processing techniques enable the DGD2190’s high-side
to switch to 600V in a bootstrap operation under high dV/dt conditions.
The DGD2190 logic inputs are compatible with standard TTL and
CMOS levels (down to 3.3V) for easy interfacing with controlling
devices. The driver outputs feature high pulse current buffers
designed for minimum driver cross conduction.
The DGD2190 is offered in the SO-8 (Type TH) package and operates
over an extended -40°C to +125°C temperature range.
Applications
DC-DC Converters
DC-AC Inverters
AC-DC Power Supplies
Motor Controls
Class D Power Amplifiers
Features
Floating High-Side Driver in Bootstrap Operation to 600V
Drives two N-Channel MOSFETs or IGBTs in a Half-Bridge
Configuation
Output Drivers Capable of 4.5A/4.5A Typ Sink/Source
Logic Input (HIN and LIN) 3.3V Capability
Schmitt Triggered Logic Inputs with Internal Pull-Down
Undervoltage Lockout for High and Low-Side Drivers
Extended Temperature Range: -40°C to +125°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Mechanical Data
Case: SO-8 (Type TH)
Case Material: Molded Plastic
. ―Green‖ Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.075 grams (Approximate)
Ordering Information (Note 4)
Product
Marking
Reel Size (inches)
Tape Width (mm)
Quantity Per Reel
DGD2190S8-13
DGD2190
13
12
2,500
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "
Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SO-8 (Type TH)
Top View
Typical Configuration
DGD2190
YY WW
= Manufacturer’s marking
DGD2190 = Product Type Marking Code
YY = Year (ex: 16 = 2016)
WW = Week (01 to 53)


Similar Part No. - DGD2190S8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
DGD21904M DIODES-DGD21904M Datasheet
693Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 5 - 2 October 2019
DGD21904MS14-13 DIODES-DGD21904MS14-13 Datasheet
693Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
Rev. 5 - 2 October 2019
DGD21904S14-13 DIODES-DGD21904S14-13 Datasheet
729Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
More results

Similar Description - DGD2190S8-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2106 DIODES-DGD2106 Datasheet
722Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
DGD2181 DIODES-DGD2181 Datasheet
484Kb / 7P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
DGD2181M DIODES-DGD2181M_V01 Datasheet
607Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2005 DIODES-DGD2005_V01 Datasheet
765Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 5 - 2 April 2021
DGD2101M DIODES-DGD2101M_V01 Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 2 - 2 October 2019
DGD2106M DIODES-DGD2106M_V01 Datasheet
843Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
DGD2190M DIODES-DGD2190M Datasheet
741Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
October 2019
DGD2106M DIODES-DGD2106M_V02 Datasheet
909Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
Rev. 7 - 2 April 2021
DGD2101 DIODES-DGD2101 Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8 (TYPE TH)
DGD21904 DIODES-DGD21904 Datasheet
729Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com