Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC807-16 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC807-16
Description  PNP Silicon AF Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC807-16 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC807-16 Datasheet HTML 1Page - Infineon Technologies AG BC807-16 Datasheet HTML 2Page - Infineon Technologies AG BC807-16 Datasheet HTML 3Page - Infineon Technologies AG BC807-16 Datasheet HTML 4Page - Infineon Technologies AG BC807-16 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC807, BC808
2
Nov-29-2001
Electrical Characteristics
at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BC807
BC808
V(BR)CEO
45
25
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
BC807
BC808
V(BR)CBO
50
30
-
-
-
-
Emitter-base breakdown voltage
IE = 10 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 25 V, IE = 0
ICBO
-
-
100
nA
Collector cutoff current
VCB = 25 V, IE = 0 , TA = 150 °C
ICBO
-
-
50
µA
Emitter cutoff current
VEB = 4 V, IC = 0
IEBO
-
-
100
nA
DC current gain 1)
IC = 100 mA, VCE = 1 V
hFE-grp. 16
hFE-grp. 25
hFE-grp. 40
hFE
100
160
250
160
250
350
250
400
630
-
DC current gain 1)
IC = 500 mA, VCE = 1 V
hFE
40
-
-
Collector-emitter saturation voltage1)
IC = 500 mA, IB = 50 mA
VCEsat
-
-
0.7
V
Base-emitter saturation voltage 1)
IC = 500 mA, IB = 50 mA
VBEsat
-
-
1.2
1) Pulse test: t
≤ 300µs, D = 2%


Similar Part No. - BC807-16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
331Kb / 3P
   PNP Silicon General Purpose Transistors
logo
NXP Semiconductors
BC807-16 PHILIPS-BC807-16 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 08
logo
Pan Jit International I...
BC807-16 PANJIT-BC807-16 Datasheet
481Kb / 3P
   PNP GENERAL PURPOSE TRANSISTORS
logo
Micro Commercial Compon...
BC807-16 MCC-BC807-16 Datasheet
286Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Tiger Electronic Co.,Lt...
BC807-16 TGS-BC807-16 Datasheet
1Mb / 3P
   TRANSISTOR (PNP)
More results

Similar Description - BC807-16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com