Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2112-EK Datasheet(PDF) 9 Page - Silicon Laboratories

Part # CP2112-EK
Description  Quick Start Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2112-EK Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button CP2112-EK Datasheet HTML 5Page - Silicon Laboratories CP2112-EK Datasheet HTML 6Page - Silicon Laboratories CP2112-EK Datasheet HTML 7Page - Silicon Laboratories CP2112-EK Datasheet HTML 8Page - Silicon Laboratories CP2112-EK Datasheet HTML 9Page - Silicon Laboratories CP2112-EK Datasheet HTML 10Page - Silicon Laboratories CP2112-EK Datasheet HTML 11Page - Silicon Laboratories CP2112-EK Datasheet HTML 12Page - Silicon Laboratories CP2112-EK Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CP2112-EK
Rev. 0.3
9
10. The Customization tab allows for programming the One-Time-Programmable (OTP) parameters of the
device. These parameters can only be programmed once and cannot be changed back to their default
values after being programmed. This tab has the same functionality as the CP2112SetIDs application
provided with the CP2112 software package. In order for these parameters to be sucessfully programmed,
a 4.7 µF capacitor must be connected between the VPP pin and ground. This capacitor is populated by
default on the CP2112 Evaluation Kit board has this capacitor. See "8. Schematic" on page 12 for more
information.
a. The USB Customization section sets the USB parameters. Click Get to retrieve the current settings.
Change the settings by modifying the text boxes and checking the box next to the parameter being
modified. Click the Set button to program the device with the modified settings. The parameter will not
be changed without checking the corresponding box. Perform a Get after changing any parameters to
ensure that the settings updated correctly.
n.
The String Descriptors section enables modification of the serial strings in the CP2112. Type a string into the
corresponding text box and click the Set button to modify the strings. Perform a Get after changing any parameters
to ensure that the settings updated correctly.
o.
The Lock Byte section displays which fields have been programmed and can lock fields to prevent future
modification. Any field that has been programmed will not be checked. To prevent a field from being programmed,
uncheck the corresponding box and click the Set button. Perform a Get after changing any parameters to ensure that
the settings updated correctly.
Figure 8. Customizing a CP2112 Device using the Example Application
10a
10b
10c


Similar Part No. - CP2112-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2112-F02-GM SILABS-CP2112-F02-GM Datasheet
225Kb / 22P
   SINGLE-CHIP HID USB TO SMBUS MASTER BRIDGE
More results

Similar Description - CP2112-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2105-EK SILABS-CP2105-EK Datasheet
261Kb / 10P
   Quick Start Guide
CP2104-EK SILABS-CP2104-EK Datasheet
218Kb / 8P
   Quick Start Guide
CP2110-EK SILABS-CP2110-EK Datasheet
287Kb / 10P
   Quick Start Guide
logo
Zilog, Inc.
QS0075 ZILOG-QS0075 Datasheet
1Mb / 19P
   Quick Start Guide
QS0086 ZILOG-QS0086 Datasheet
291Kb / 18P
   Quick Start Guide
logo
NXP Semiconductors
MPC830X-TLCD NXP-MPC830X-TLCD Datasheet
934Kb / 4P
   Quick Start Guide
11/3/11
logo
Maxim Integrated Produc...
MAXREFDES143 MAXIM-MAXREFDES143 Datasheet
3Mb / 15P
   Quick Start Guide
UG6296 ; Rev 0; 6/16
logo
Freescale Semiconductor...
DEMO9S08QG8QSG FREESCALE-DEMO9S08QG8QSG Datasheet
56Kb / 2P
   DEMO9S08QG8 Quick Start Guide
logo
NXP Semiconductors
UM10505 PHILIPS-UM10505 Datasheet
1Mb / 17P
   OM11057 quick start guide
Rev. 2-10 April 2013
logo
List of Unclassifed Man...
M52233DEMO ETC2-M52233DEMO Datasheet
489Kb / 16P
   M52233DEMO ??Quick Start Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com