Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2114 Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2114
Description  SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2114 Datasheet HTML 1Page - Silicon Laboratories CP2114 Datasheet HTML 2Page - Silicon Laboratories CP2114 Datasheet HTML 3Page - Silicon Laboratories CP2114 Datasheet HTML 4Page - Silicon Laboratories CP2114 Datasheet HTML 5Page - Silicon Laboratories CP2114 Datasheet HTML 6Page - Silicon Laboratories CP2114 Datasheet HTML 7Page - Silicon Laboratories CP2114 Datasheet HTML 8Page - Silicon Laboratories CP2114 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
CP2114
4
Rev. 1.1
1. System Overview
All major commercial operating systems (Windows, Linux, Mac, iOS) support the standard USB Audio Device
class. Codecs and DACs typically have only an I2S (Inter-IC Sound) digital interface, and thus cannot connect
directly to a host system. In addition, when a DAC is powered on, it typically needs to be configured by the host via
an I2C (inter-integrated-circuit) digital interface, with a non-standard protocol. Finally, in order to support push
button volume and mute synchronization with the host system, the target USB device must support the standard
USB-HID Consumer Control interface. Thus, adding USB digital audio to an embedded system or as dongle or
appliance typically involves complex USB protocol programming as well as I2S and I2C programming capability,
prototyping, integration and testing. The CP2114 USB Audio Bridge is specifically designed to overcome all these
issues and commoditize USB Audio and DAC configuration for turn-key product development.
Note: Use with an iPad requires a camera kit connector to get USB from the Apple 30-pin connector. USB Audio is not sup-
ported on the iPhone.
The CP2114 includes a USB 2.0 full-speed function controller, USB transceiver, oscillator, one-time programmable
read-only memory (ROM), I2S (audio) interface, I2C (control) interface, and UART interface in a compact 5 x 5 mm
QFN-32 package (sometimes called “MLF” or “MLP”). The one-time programmable ROM on the device may be
used to customize both product information (including USB fields such as Vendor ID, Product ID, Strings, etc...)
and external DAC configuration strings. By default, the CP2114 provides the following features
Enumerates to the host as a Standard USB Audio Device and HID Consumer Control supporting:

USB Digital Audio Out (Audio Playback Device)

USB Digital Audio In (Microphone/Recording Device)

HID Consumer Control handling standard volume and mute functionality
Pre-configured support for 3 commercial DACs

Handles all I2C configuration of the DAC automatically at boot

Handles all volume and mute traffic converting from USB to I
2C messages to the DAC
Tested for USB plug & play and audio quality on all major operating systems
UART interface using standard USB HID device class which is natively supported by most operating
systems

No custom driver installation needed

Windows and MAC DLLs provided and interface specification is available for development on any operating
system

Implements transmit (TX), receive (RX), hardware flow control (CTS, RTS)

Baud rate support from 300 to 1 Mbps, support for 5-8 data bits, 5 parity options, 3 types of stop bits

Note: The
CP2114 devices will not enumerate as a standard HID mouse or keyboard.
12 GPIO signals which support alternate functions

Volume control, UART transmit and receive, UART hardware flow control, UART transmit/receive toggle,
configurable clock output, and DAC selection

Support for I/O interface voltages down to 1.8 V is provided via a VIO pin.
An evaluation kit for the CP2114 (Part Number: CP2114EK) is available. It includes a CP2114-based USB-to-Audio
motherboard, a USB cable, and full documentation. Additional kits with daughtercards are available as well:
CP2114-CS42L55 evaluation kit (Part Number: CP2114-CS42L55EK) includes:

CP2114 USB-to-I
2S Digital Audio motherboard

Cirrus Logic
CS42L55 Codec daughtercard (includes a 3.5mm male-to-male audio cable)
CP2114-WM8523 evaluation kit (Part Number: CP2114-WM8523EK)

CP2114 USB-to-I
2S Digital Audio motherboard

Wolfson Microelectronics WM8523 DAC daughtercard
CP2114-PCM1774 evaluation kit (Part Number: CP2114-PCM1774EK)

CP2114 USB-to-I
2S Digital Audio motherboard

Texas Instruments PCM1774 DAC daughtercard
All kits with daughtercards include a USB cable, ear bud headphones, and full documentation.
Contact a Silicon Labs sales representatives or go to www.silabs.com to order a CP2114 Evaluation Kit.


Similar Part No. - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114 SILABS-CP2114 Datasheet
198Kb / 54P
   HID-TO-UART API SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
183Kb / 34P
   INTERFACE SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
CP2114-CS42L55EK SILABS-CP2114-CS42L55EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
   EVALUATION KIT USERS GUIDE
More results

Similar Description - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2615 SILABS-CP2615 Datasheet
844Kb / 35P
   USB Audio to I2S Digital Audio Bridge
logo
C-Media Electronics
CM6210 CMEDIA-CM6210 Datasheet
375Kb / 18P
   Multi-channel USB-I2S Audio Controller
CM6300 CMEDIA-CM6300 Datasheet
896Kb / 32P
   USB Audio Single Chip Specification
logo
Realtek Semiconductor C...
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
   I2S/PCM AUDIO DAC
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
   Class-D Audio Power Amplifier with USB / I2S Interface
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B_07 Datasheet
2Mb / 271P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B1 ATMEL-AT85C51SND3B1 Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
   I2S AUDIO CODEC HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com