Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SZHBL5006P2T5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SZHBL5006P2T5G
Description  LED Shunt HBL5006 Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZHBL5006P2T5G Datasheet(HTML) 5 Page - ON Semiconductor

  SZHBL5006P2T5G Datasheet HTML 1Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 2Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 3Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 4Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 5Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 6Page - ON Semiconductor SZHBL5006P2T5G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HBL5006 Series
http://onsemi.com
5
DEVICE ORDERING INFORMATION
Device
Marking
Package
Shipping
HBL5006HT1G
HD
SOD−323
(Pb−Free)
3000 / Tape & Reel
SZHBL5006HT1G*
HD
HBL5006XV2T1G
56
SOD−523
(Pb−Free)
3000 / Tape & Reel
SZHBL5006XV2T1G*
56
HBL5006P2T5G
LD
SOD−923
(Pb−Free)
8000 / Tape & Reel
SZHBL5006P2T5G*
LD
†For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
*SZ Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP
Capable.
PACKAGE DIMENSIONS
SOD−323
CASE 477−02
ISSUE H
HE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. LEAD THICKNESS SPECIFIED PER L/F DRAWING
WITH SOLDER PLATING.
4. DIMENSIONS A AND B DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
5. DIMENSION L IS MEASURED FROM END OF RADIUS.
NOTE 3
D
1
2
b
E
A3
A1
A
C
NOTE 5
L
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.80
0.90
1.00
A1
0.00
0.05
0.10
A3
0.15 REF
b
0.25
0.32
0.4
C
0.089
0.12
0.177
D
1.60
1.70
1.80
E
1.15
1.25
1.35
0.08
2.30
2.50
2.70
L
0.031
0.035
0.040
0.000
0.002
0.004
0.006 REF
0.010
0.012
0.016
0.003
0.005
0.007
0.062
0.066
0.070
0.045
0.049
0.053
0.003
0.090
0.098
0.105
MIN
NOM
MAX
INCHES
1.60
0.063
0.63
0.025
0.83
0.033
2.85
0.112
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*


Similar Part No. - SZHBL5006P2T5G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SZH-002 ETC-SZH-002 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SZH-002T-P0.5 ETC2-SZH-002T-P0.5 Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Similar Description - SZHBL5006P2T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4700 ONSEMI-NUD4700_17 Datasheet
112Kb / 6P
   LED Shunt
January, 2017 ??Rev. 11
HBL1015 ONSEMI-HBL1015 Datasheet
68Kb / 5P
   LED Shunt
June, 2015 ??Rev. 4
NUD4700 ONSEMI-NUD4700 Datasheet
146Kb / 6P
   LED Shunt
March, 2010 ??Rev. 8
logo
Bourns Electronic Solut...
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LSPxxxxAJR Series LED Shunt Protector
LSP0600AJR-S BOURNS-LSP0600AJR-S Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED36CA LEIDITECH-PLED36CA Datasheet
570Kb / 3P
   LED Shunt Protection
logo
Bourns Electronic Solut...
LSP0600BJR-S BOURNS-LSP0600BJR-S Datasheet
293Kb / 6P
   LED Shunt Protector
LSP0600 BOURNS-LSP0600 Datasheet
281Kb / 3P
   LED Shunt Protector
logo
Shanghai Leiditech Elec...
PLED09CB LEIDITECH-PLED09CB Datasheet
604Kb / 3P
   LED Shunt Protection
PLED06CA LEIDITECH-PLED06CA Datasheet
568Kb / 3P
   LED Shunt Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com