Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC85AY-1 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # HC85AY-1
Description  Komatsulite HC Series Breaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HC85AY-1 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  HC85AY-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers HC85AY-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers HC85AY-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers HC85AY-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers HC85AY-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
06/08/15
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Caution when using Breaker (Continued)
HANDLING CAUTIONS
1.
Since the breaker body is composed of plastic parts, do not clamp or dent with tools as this could cause a resistance increase or body
damage.
2.
Breaker terminals are thin copper-alloy with right angle edges. Handle carefully to avoid injury to fingers. Handling while wearing finger
cots and tweezers is recommended.
3.
When welding breaker terminals or mounting the breaker on a cell or PCM board, be careful to avoid placing excessive stress on the
breaker body and terminals. Excessive stress may cause a resistance increase or body damage. Please refer to the following cautions:
a) Do not apply more than 10 N moment to the breaker body (refer to Figure 1)
b) Do not apply more than 1.5 cN-m twist torque to the breaker body (refer to Figure 2)
c) Do not apply more than 20 N bending force to the breaker body (refer to Figure 3)
d) Do not apply more than 0.6 cN-m twist torque to the breaker terminals (refer to Figure 4)
e) Do not apply more than 2 N force to the breaker terminals (refer to Figure 5)
f)
Do not bend terminals more than 45 ° at root (refer to Figure 6)
g) Do not twist terminals more than 20 ° with the breaker body affixed.
4.
In breaker body welding, normally there is direct welding (Figure 7) and series welding (Figure 8). In either case, use a suitable jig so that
there will be no stress as stated above.
5.
Pull-and-detach strength of the terminal welding should be to your own specification. If the welding result is controlled by resistance,
measurement should be made at close point to the breaker body by “4-point clip method” using a milliohm meter to ensure accuracy
(refer to Figure 9).
6.
Avoid putting stress as shown above in 3-a) to 3-g) when the jig is used for welding/additional processing.
Rod A
Rod B
Rod A
Figure 1
Figure 2
Figure 9
Figure 3
Figure 4
Figure 5
Figure 6
Figure 7
Figure 8
Rod B
45 °
45 °
45 °
45 °
milliohm meter
Due to possible updates to safety standards and other reasons, there may be changes in
specifications for this data sheet without prior notification. Therefore, before design-in for
your application, please contact us for the most up-to-date specifications.
Komatsulite™ HC Series Breaker


Similar Part No. - HC85AY-1

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
HC85AY-1 BOURNS-HC85AY-1 Datasheet
601Kb / 5P
   Breaker (Thermal Cutoff Device)
More results

Similar Description - HC85AY-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
   Komatsulite??LC Series Breaker
KCA72AB0 ETC2-KCA72AB0 Datasheet
722Kb / 5P
   Komatsulite??KCA Series A-Type Breaker
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
logo
Bourns Electronic Solut...
AA72AB0 BOURNS-AA72AB0 Datasheet
469Kb / 5P
   Formerly KOMATSULITE a product
logo
Maxwell Technologies
BCAP0001 MAXWELL-BCAP0001 Datasheet
939Kb / 9P
   HC SERIES ULTRACAPACITORS
logo
Faraday Technology
HC7425FPA FARADAY-HC7425FPA Datasheet
200Kb / 2P
   HC SERIES HDTV FILTERS
logo
List of Unclassifed Man...
9C ETC2-9C Datasheet
386Kb / 1P
   SMD HC-49S 9C SERIES
9B ETC2-9B Datasheet
482Kb / 1P
   DIP HC-49S 9B SERIES
logo
PHOENIX CONTACT
1772722 PHOENIX-1772722 Datasheet
95Kb / 2P
   HC-CB
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com