Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2108-B02-GM Datasheet(PDF) 4 Page - Silicon Laboratories

Part # CP2108-B02-GM
Description  SINGLE-CHIP USB-TO-QUAD-UART BRIDGE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2108-B02-GM Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2108-B02-GM Datasheet HTML 1Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 2Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 3Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 4Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 5Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 6Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 7Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 8Page - Silicon Laboratories CP2108-B02-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
CP2108
4
Rev. 1.1
1. System Overview
The CP2108 is a highly integrated USB-to-Quad-UART Bridge Controller providing a simple solution for updating
RS-232/RS-485 designs to USB using a minimum of components and PCB space. The CP2108 includes a USB
2.0 full-speed function controller, USB transceiver, oscillator, EEPROM, and four asynchronous serial data buses
(UART) with full modem control signals in a compact 9 x 9 mm QFN-64 package (sometimes called “MLF” or
“MLP”).
The on-chip EEPROM may be used to customize the USB Vendor ID (VID), Product ID (PID), Product Description
String, Power Descriptor, Device Release Number, Interface Strings, Device Serial Number, Modem, and GPIO
configuration as desired for OEM applications. The EEPROM is programmed on-board via the USB, allowing the
programming step to be easily integrated into the product manufacturing and testing process.
Royalty-free Virtual COM Port (VCP) device drivers provided by Silicon Labs allow a CP2108-based product to
appear as four COM ports in PC applications. The CP2108 UART interfaces implement all RS-232/RS-485 signals
including control and handshaking, so existing system firmware does not need to be modified. The device also
features a total of sixteen GPIO signals that can be user-defined for status and control information. See
www.silabs.com/appnotes for the latest application notes and product support information for the CP2108.
An evaluation kit for the CP2108 is available. It includes a CP2108-based USB-to-UART/RS-232 evaluation board,
a complete set of VCP device drivers, USB and RS-232 cables, and full documentation. Contact a Silicon Labs
sales representative or go to www.silabs.com/products/interface/Pages/CP2108EK.aspx to order the CP2108
Evaluation Kit.
2. Ordering Part Number Information
See "12. Device Specific Behavior" on page 28 for more information about the differences between the orderable
part numbers. The revision of the CP2108 can be determined by looking at the package marking or by querying the
device using the application described in application note “AN721: CP21xx Device Customization Guide.”
The second row of the package marking will read as “B01-GM” or “B02-GM”. The link to application note AN721 is
available in “11. Relevant Application Notes” .
Table 1. Ordering Part Numbers
Ordering Part Number
Notes
CP2108-B02-GM
Recommended for new designs
CP2108-B01-GM
Not recommended for new designs


Similar Part No. - CP2108-B02-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2108 SILABS-CP2108 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
CP2108 SILABS-CP2108 Datasheet
745Kb / 45P
   DEVICE CUSTOMIZATION GUIDE
More results

Similar Description - CP2108-B02-GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2103 SILABS-CP2103 Datasheet
417Kb / 20P
   SINGLE-CHIP USB TO UART BRIDGE
CP2102 SILABS-CP2102_V01 Datasheet
2Mb / 26P
   SINGLE-CHIP USB-TO-UART BRIDGE
Rev. 1.8 1/17
CP2101 SILABS-CP2101 Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
   SINGLE-CHIP HID USB TO UART BRIDGE
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com