Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KCA72AB0 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KCA72AB0
Description  Komatsulite??KCA Series A-Type Breaker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KCA72AB0 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KCA72AB0 Datasheet HTML 1Page - List of Unclassifed Manufacturers KCA72AB0 Datasheet HTML 2Page - List of Unclassifed Manufacturers KCA72AB0 Datasheet HTML 3Page - List of Unclassifed Manufacturers KCA72AB0 Datasheet HTML 4Page - List of Unclassifed Manufacturers KCA72AB0 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
High current type
Optimal corrosion resistant properties
Smaller body size: L5.4 x W3.2 x H0.89 mm
Overtemperature and overcurrent protection
for lithium polymer and prismatic cells
Wide range of temperature options
Applications
Battery cell protection for:
Notebook PCs
Tablet PCs
Smart phones
Mobile phones
KomatsuliteKCA Series A-Type Breaker
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Ratings
Specification
Model
KCA72AB0
KCA77AB0
KCA82AB0
KCA85AB0
Trip Temperature
72 °C ± 5 °C
77 °C ± 5 °C
82 °C ± 5 °C
85 °C ± 5 °C
Reset Temperature
40 °C min.
Contact Rating
DC12V / 25 A, 6000 cycles
Maximum Breaking Current
DC5V / 60 A, 100 cycles
Maximum Voltage
DC28V / 25 A, 100 cycles
Minimum Holding Voltage
2 V @ 25 °C for 1 minute
Maximum Leakage Current
200 mA max. @ 25 °C
Resistance
5 milliohms max.
Agency Recognition
Description
UL, cUL
File Number: E215638,
Vol. 2
TUV
File Number: R50305080
Product Dimensions
Product Structure
DIMENSIONS:
MM
(INCHES)
How to Order
KCA 77 A B 0
Series Designator
Trip Temperature (±5 °C)
• 72
• 82
• 77
• 85
Arm Material
A = Cu Alloy, High Current Type
Terminal Type
(with/without Projection & Terminal Length)
Manufacturer’s Internal Code
5.4 ± 0.1
(.213 ± .004)
2.9 ± 0.1
(.114 ± .004)
2.9 ± 0.1
(.114 ± .004)
2.3 ± 0.1
(.091 ± .004)
0.89 ± 0.05
(.035 ± .002)
2.3 ± 0.1
(.091 ± .004)
3.2 ± 0.1
(.126 ± .004)
0.1 ± 0.01
(.004 ± .0004)
3115A
KCA72AB0
00
ARM
TERMINAL
COVER
PLATE
CONTACT
COVER
ARM
BASE
TERMINAL
BASE
AVAILABLE WITH AND WITHOUT PROJECTIONS.
PROJECTION
BIMETAL DISC
PTC
PROJECTION


Similar Part No. - KCA72AB0

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
KCA72AB0 BOURNS-KCA72AB0 Datasheet
425Kb / 5P
   A-Type Breaker (Thermal Cutoff Device)
More results

Similar Description - KCA72AB0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NR72AB0 ETC2-NR72AB0 Datasheet
734Kb / 5P
   Komatsulite??NR Series A-Type Breaker
NR72CB0 ETC2-NR72CB0 Datasheet
739Kb / 5P
   Komatsulite??NR Series C-Type Breaker
LC72AY-1 ETC2-LC72AY-1 Datasheet
816Kb / 5P
   Komatsulite??LC Series Breaker
HC72AY-1 ETC2-HC72AY-1 Datasheet
707Kb / 5P
   Komatsulite HC Series Breaker
logo
Bourns Electronic Solut...
AA72AB0 BOURNS-AA72AB0 Datasheet
469Kb / 5P
   Formerly KOMATSULITE a product
KCA77AB0 BOURNS-KCA77AB0 Datasheet
425Kb / 5P
   A-Type Breaker (Thermal Cutoff Device)
logo
SUYIN USA, INC.
020122MR008SX14ZX SUYIN-USA-020122MR008SX14ZX Datasheet
90Kb / 1P
   USB SERIES A TYPE R/A DUAL PORT DIP TYPE
020122MR008SX20ZX SUYIN-USA-020122MR008SX20ZX Datasheet
102Kb / 1P
   USB SERIES A TYPE R/A DUAL PORT DIP TYPE
logo
Molex Electronics Ltd.
1212010033 MOLEX-1212010033 Datasheet
579Kb / 2P
   TYPE A ASSEMBLY SERIES 121201
2022/01/28
logo
SUYIN USA, INC.
020122MR008SX16ZX SUYIN-USA-020122MR008SX16ZX Datasheet
96Kb / 1P
   USB SERIES A TYPE R/A REVERSE DUAL PORT DIP TYPE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com