Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP2114-PCM1774EK Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CP2114-PCM1774EK
Description  EVALUATION KIT USERS GUIDE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2114-PCM1774EK Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CP2114-PCM1774EK Datasheet HTML 7Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 8Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 9Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 10Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 11Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 12Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 13Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 14Page - Silicon Laboratories CP2114-PCM1774EK Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CP2114-EK
Rev. 0.1
11
The JP47 header is used to connect the CP2114 SUSPEND pin (pin 17) to the D5 red LED. When the LED is on,
the device has enumerated with the PC operating normally. When the LED is off, the device has not yet
enumerated or is in the USB Suspend state.
5.1.13. Daughter Card Reset Connector (JP48)
The JP48 header connects reset to the GPIO4_C pin on the daughter card connector (J1). On the CS42L55
daughter card, GPIO4_C is connected to the CS42L55 RESET pin. The GPIO4_C pin is unconnected on the
WM8523 and PCM1774 daughter cards because the DACs do not have a hardware reset input.
5.1.14. CP2114 GPIO Signal Connector (JP49)
The connector JP49 provides easy access to all of the CP2114 GPIO signals.
5.1.15. Daughter Card Signal Header (JP50, JP52)
The headers JP50 and JP52 allow the connection of GPIO0-4 signals to the corresponding daughter card signals
(GPIOx_C). These jumpers can be used to route the appropriate GPIO signals to a custom daughter card.
5.1.16. Audio Control Buttons and Red Record Mute LED (SW1-SW4, D2)
SW1 through SW4 send audio control commands when pressed. In addition, the red record mute LED (D2) will
turn on when the record mute button is pressed (SW4).
5.1.17. Red Receive Toggle and Transmit Toggle LEDs (D3, D4)
The LEDs D3 and D4 will toggle when transmitting and receiving UART data. In order to use this functionality, the
GPIO pins must first be configured for TX Toggle and RX Toggle modes. By default, these pins are used for DAC
select 0 and DAC select 1.
5.1.18. Reset Button (SW5)
SW5 externally pulls the CP2114 reset pin (pin 10) low when pressed. If SW5 is held down, the CP2114 will remain
in reset until the button is released.
Table 4. Audio Control Buttons
LED
Pins
S1
Volume –
S2
Volume +
S3
Playback Mute
S4
Record Mute


Similar Part No. - CP2114-PCM1774EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114-B01-GM SILABS-CP2114-B01-GM Datasheet
420Kb / 44P
   SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE
More results

Similar Description - CP2114-PCM1774EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1120-EK SILABS-SI1120-EK Datasheet
212Kb / 10P
   EVALUATION KIT USERS GUIDE
CP2102-EK SILABS-CP2102-EK Datasheet
223Kb / 8P
   EVALUATION KIT USERS GUIDE
SI1102-EK SILABS-SI1102-EK Datasheet
81Kb / 4P
   EVALUATION KIT USERS GUIDE
CP2130-EK SILABS-CP2130-EK Datasheet
1Mb / 32P
   EVALUATION KIT USERS GUIDE
CP2101-EK SILABS-CP2101-EK Datasheet
218Kb / 8P
   EVALUATION KIT USERS GUIDE
logo
List of Unclassifed Man...
EVAL-868-ES ETC2-EVAL-868-ES Datasheet
309Kb / 5P
   ES SERIES BASIC EVALUATION KIT USERS GUIDE
logo
Silicon Laboratories
SI8718 SILABS-SI8718 Datasheet
1Mb / 16P
   EVALUATION BOARD USERS GUIDE
logo
M/A-COM Technology Solu...
28478-EVMD-001-A MA-COM-28478-EVMD-001-A_15 Datasheet
506Kb / 79P
   Evaluation Module Users Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com