Electronic Components Datasheet Search |
|
CP2400-DK Datasheet(PDF) 9 Page - Silicon Laboratories |
|
CP2400-DK Datasheet(HTML) 9 Page - Silicon Laboratories |
9 / 32 page CP2400/1-DK Rev. 0.1 9 4. Hardware Setup using a USB Debug Adapter The target board is connected to a PC running the Silicon Laboratories IDE via the USB Debug Adapter as shown in Figure 9. 1. Connect the LCD development board to the F930 target board as shown in Figure 8. 2. Connect the USB Debug Adapter to the DEBUG connector on the C8051F930 target board with the 10-pin ribbon cable. 3. Connect one end of the USB cable to the USB connector on the USB Debug Adapter. 4. Connect the other end of the USB cable to a USB Port on the PC. 5. Verify that a shorting block is installed on J17 and that SW5 is in the ON position on the C8051F930 target board. 6. Verify that a shorting block is installed on J2 of the CP2400/1 LCD Development Board. 7. Connect the ac/dc power adapter to power jack P1 on the C8051F930 target board (Optional). Notes: Use the Reset button in the IDE to reset the target when connected using a USB Debug Adapter. Remove power from the target board and the USB Debug Adapter before connecting or disconnecting the ribbon cable from the target board. Connecting or disconnecting the cable when the devices have power can damage the device and/or the USB Debug Adapter. Figure 8. CP2400/1 LCD Development Board Attachment Figure 9. Hardware Setup Using a USB Debug Adapter P1 CP2400 U1 J5 J1 D2 D1 J2 IMEASURE J5 J4 LED PWR SILICON LABS www.silabs.com CP2400-GQ LCD DEVELOPMENT BOARD P0.2 P0.3 J3 J4 J2 ` P3 CP 2103 U3 P2 J9 RESET J17 IMEASURE H2 SILICON LABS www.silabs.com H1 J6 J5 J7 J13 F930 U1 J14 J11 VBAT WALL_PWR AAA_BAT COIN_CELL J15 J16 R15 J12 J8 J1 P1.6 P1.5 +1VD +3VD VBAT VDD/DC+ USB POWER SW4 TOUCH SENSE SWITCH P2.1 TOUCH SENSE SWITCH P2.0 ON OFF SW5 PC USB Cable AC/DC Adapter Target Board P0.2 P0.3 J3 J4 J2 ` P3 CP 2103 U3 P2 J9 USB POWER RESET P1.6 P1.5 SW4 J17 IMEASURE H2 SILICON LABS www.silabs.com H1 J6 VDD/DC+ J5 J7 J13 F930 U1 J14 J11 VBAT WALL_PWR AAA_BAT COIN_CELL TOUCH SENSE SWITCH P2.0 TOUCH SENSE SWITCH P2.1 J15 J16 R15 J12 J8 +3VD +1VD VBAT J1 SW5 ON OFF USB Debug Adapter P1 CP2400 U1 J5 J1 D2 D1 J2 IMEASURE J5J4 LED PWR SILICON LABS www.silabs.com CP2400-GQ LCD DEVELOPMENT BOARD LCD Development Board |
Similar Part No. - CP2400-DK |
|
Similar Description - CP2400-DK |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |