Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM346 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # EM346
Description  High-Performance, Integrated Dual ZigBee PRO
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EM346 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button EM346 Datasheet HTML 4Page - Silicon Laboratories EM346 Datasheet HTML 5Page - Silicon Laboratories EM346 Datasheet HTML 6Page - Silicon Laboratories EM346 Datasheet HTML 7Page - Silicon Laboratories EM346 Datasheet HTML 8Page - Silicon Laboratories EM346 Datasheet HTML 9Page - Silicon Laboratories EM346 Datasheet HTML 10Page - Silicon Laboratories EM346 Datasheet HTML 11Page - Silicon Laboratories EM346 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
EM346
8
Rev 1.0
2.3. Environmental Characteristics
Table 2.3 lists the rated environmental characteristics of the EM346.
2.4. DC Electrical Characteristics
Table 2.4 lists the dc electrical characteristics of the EM346.
Table 2.3. Environmental Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
ESD (human body model)
On any pin
±2
kV
ESD (charged device model)
Non-RF pins
±400
V
ESD (charged device model)
RF pins
±225
V
Package Thermal Resistance*
JA
27.1
°C/W
*Note: Thermal resistance assumes multi-layer PCB with exposed pad soldered to a PCB board.
Table 2.4. DC Characteristics
Measured on Silicon Labs’ EM357 reference design with TA = 25 °C and VDD = 3 V, unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit
Regulator input voltage
(VDD_PADS)
2.1
3.6
V
Power supply range (VDD_MEM)
Regulator output or external input
1.7
1.8
1.9
V
Power supply range (VDD_CORE)
Regulator output
1.18
1.25
1.32
V
Deep Sleep Current
Quiescent current, internal RC
oscillator disabled
–40 °C, VDD_PADS=3.6 V
0.4
A
+25 °C, VDD_PADS=3.6 V
0.4
A
+85 °C, VDD_PADS=3.6 V
0.7
A
Quiescent current, including
internal RC oscillator
–40 °C, VDD_PADS=3.6 V
0.7
A
+25 °C, VDD_PADS=3.6 V
0.7
A
+85°C, VDD_PADS=3.6 V
1.1
A
Quiescent current, including
32.768 kHz oscillator
–40 °C, VDD_PADS=3.6 V
0.8
A
+25 °C, VDD_PADS=3.6 V
1.0
A
+85 °C, VDD_PADS=3.6 V
1.5
A
Quiescent current, including
internal RC oscillator and
32.768 kHz oscillator
–40 °C, VDD_PADS=3.6 V
1.1
A
+25 °C, VDD_PADS=3.6 V
1.3
A
+85 °C, VDD_PADS=3.6 V
1.8
A
Simulated deep sleep (debug
mode) current
With no debugger activity
300
A


Similar Part No. - EM346

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
EM340 CARLOGAVAZZI-EM340 Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
EM34025 EMC-EM34025 Datasheet
453Kb / 18P
   10/12 DIGIT CURRENCY CALCULATOR?
EM34034 EMC-EM34034 Datasheet
525Kb / 18P
   10/12 DIGIT WITH TAX FUNCTION CALCULATOR
logo
Carlo Gavazzi Holding A...
EM340DINAV23XM1PFA CARLOGAVAZZI-EM340DINAV23XM1PFA Datasheet
619Kb / 10P
   Energy Management Energy Meter Type EM340
More results

Similar Description - EM346

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EM3591 SILABS-EM3591 Datasheet
651Kb / 59P
   High-Performance, Integrated ZigBee
logo
RF Monolithics, Inc
ZPM3570-E RFM-ZPM3570-E Datasheet
1Mb / 18P
   ZigBee Pro Module
logo
RF Micro Devices
ZPM3570 RFMD-ZPM3570 Datasheet
1Mb / 18P
   ZigBee Pro Module
logo
Silicon Laboratories
EM357-RTR SILABS-EM357-RTR Datasheet
10Mb / 241P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
List of Unclassifed Man...
EM351 ETC2-EM351 Datasheet
11Mb / 240P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
Silicon Laboratories
EM351 SILABS-EM351_12 Datasheet
4Mb / 244P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
logo
NXP Semiconductors
JN5169-001-M0X-2 NXP-JN5169-001-M0X-2 Datasheet
801Kb / 27P
   ZigBee 3.0, ZigBee PRO and IEEE802.15.4 modules
Rev.3.0-19 September 2016
logo
Silicon Laboratories
EM3581 SILABS-EM3581 Datasheet
901Kb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
logo
NXP Semiconductors
JN5179-001-M1X NXP-JN5179-001-M1X Datasheet
788Kb / 28P
   ZigBee 3.0, ZigBee PRO, Thread and IEEE802.15.4 modules
Rev. 2.0-26 October 2016
logo
Silicon Laboratories
EM359X SILABS-EM359X Datasheet
8Mb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com