Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPFI003.L Datasheet(PDF) 3 Page - Littelfuse

Part # SPFI003.L
Description  SPFI SERIES IN-LINE SOLAR FUSE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPFI003.L Datasheet(HTML) 3 Page - Littelfuse

  SPFI003.L Datasheet HTML 1Page - Littelfuse SPFI003.L Datasheet HTML 2Page - Littelfuse SPFI003.L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
littelfuse.com
© 2015 Littelfuse POWR-GARD® Products
Rev: 030915
POWR-GARD® Fuse Datasheet
3 of 3
1000
900
800
700
600
500
1000
900
800
700
600
500
- 2A
500
400
300
200
100
90
80
70
500
400
300
200
100
90
80
70
- 2.5A
- 3A
- 3.5A
- 4A
- 5A
- 6A
60
50
40
30
20
10
9
60
50
40
30
20
10
9
- 8A
- 10A
- 12A
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 1000V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
08/10/2012
C
2 OF 2
FCC01-SPFI000
SPFI 2A - 30A
- DATA GENERATED IN EXCEL -
1000
900
800
700
600
500
1000
900
800
700
600
500
500
400
300
200
100
90
80
70
500
400
300
200
100
90
80
70
60
50
40
30
20
10
9
60
50
40
30
20
10
9
- 15A
- 20A
- 25A
- 30A
9
8
7
6
5
4
3
2
9
8
7
6
5
4
3
2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.1
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0.02
0.01
CURRENT IN AMPERES
BASIS FOR DATA:
TEST VOLTAGE: 1000V
TIME CONSTANT/POWER FACTOR:
FUSE CATALOG NUMBER:
DRAWN BY:
DATE:
REVISION:
DRAWING NO.:
SHEET
TIME CURRENT CHARACTERISTIC CURVES
LITTELFUSE, INC.
CHICAGO, IL. USA
LLL
08/10/2012
C
2 OF 2
FCC01-SPFI000
SPFI 2A - 30A
- DATA GENERATED IN EXCEL -
Time Current Curve (2-12 A)
Time Current Curve (15-30 A)
Electrical Specification —
Agency Requirements
-60°C
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
120°C
140°C
-76°F
-40°F
-4°F
32°F
68°F
104°F
140°F
176°F
212°F
248°F
284°F
AMBIENT TEMPERATURE
60
40
20
0
0
20
40
60
Temperature Rerating Curve
(Temperature of Air Immediately Surrounding Fuse)
OPENING TIME (MINUTES)
100% of
Amp Rating
per UL
113% of
Amp Rating
per IEC
135% of
Amp Rating
per UL
145% of
Amp Rating
per IEC
200% of
Amp Rating
per UL
2-30 Temperature
Stabilization
60 Min
60 Max
60 Max
4 Max
SPFI SERIES IN-LINE SOLAR FUSE


Similar Part No. - SPFI003.L

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPF WELWYN-SPF Datasheet
629Kb / 2P
   General-Purpose Failsafe Moulded Wirewound Resistors
logo
Crydom Inc.,
SPF CRYDOM-SPF Datasheet
477Kb / 4P
   PCB Mount
SPF CRYDOM-SPF Datasheet
625Kb / 5P
   PCB Mount
logo
Littelfuse
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
List of Unclassifed Man...
SPF-01T-2.5C ETC2-SPF-01T-2.5C Datasheet
232Kb / 8P
   Crimping tools and machines
More results

Similar Description - SPFI003.L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPXV006.T LITTELFUSE-SPXV006.T Datasheet
317Kb / 3P
   SPXV SERIES SOLAR FUSE
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
   LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
logo
List of Unclassifed Man...
441-R360A-GR ETC2-441-R360A-GR Datasheet
199Kb / 2P
   In-Line Fuse Holders
logo
Eaton All Rights Reserv...
HHK EATON-HHK Datasheet
135Kb / 1P
   in-line fuse holder
logo
List of Unclassifed Man...
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
   In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHB EATON-HHB Datasheet
199Kb / 1P
   In-line fuse holder
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
   In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHN EATON-HHN Datasheet
202Kb / 1P
   in-line fuse holder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com