Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPXV020.L Datasheet(PDF) 2 Page - Littelfuse

Part # SPXV020.L
Description  SPXV SERIES SOLAR FUSE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SPXV020.L Datasheet(HTML) 2 Page - Littelfuse

  SPXV020.L Datasheet HTML 1Page - Littelfuse SPXV020.L Datasheet HTML 2Page - Littelfuse SPXV020.L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2015 Littelfuse POWR-GARD® Products
Rev: 071315
littelfuse.com
2 of 3
POWR-GARD® Fuse Datasheet
Ordering Information
AMPERAGE
VOLTAGE
INTERRUPTING
RATING
NOM COLD
RESISTANCE (ohm)
WATTS LOSS
AT 100% RATED
CURRENT (W)
WATTS LOSS
AT 80% RATED
CURRENT (W)
MELTING
I2t (A2s) 15 kA
(1500Vdc)
TOTAL CLEARING
I2t (A2s) 15 kA
(1500 Vdc)
DC
AC
DC*
6
1500
30 kA
0.0576
3.05
1.71
49
75
8
1500
30 kA
0.0349
3.26
1.84
121
214
10
1500
30 kA
0.0223
3.25
1.82
407
509
12
1500
30 kA
0.0163
3.34
1.89
798
951
15
1500
30 kA
0.0131
5.27
3.05
299
637
20
1500
30 kA
0.0085
5.38
3.14
701
1464
25
1500
30 kA
0.0064
5.64
3.18
2671
3202
30
1500
30 kA
0.0052
7.16
3.93
3770
4692
* 15 kA per UL 2579
SPXV SERIES SOLAR FUSE
Electrical Specifications
SERIES
AMPERAGE AMP CODE
CATALOG NUMBER
PACK QUANTITY
ORDERING NUMBER
UPC
SPXV
6
006.
SPXV006
10
SPXV006.T
07945880812
50
SPXV006.L
07945880811
SPXV
8
008.
SPXV008
10
SPXV008.T
07945880814
50
SPXV008.L
07945880813
SPXV
10
010.
SPXV010
10
SPXV010.T
07945880816
50
SPXV010.L
07945880815
SPXV
12
012.
SPXV012
10
SPXV012.T
07945880818
50
SPXV012.L
07945880817
SPXV
15
015.
SPXV015
10
SPXV015.T
07945880820
50
SPXV015.L
07945880819
SPXV
20
020.
SPXV020
10
SPXV020.T
07945880822
50
SPXV020.L
07945880821
SPXV
25
025.
SPXV025
10
SPXV025.T
07945880824
50
SPXV025.L
07945880823
SPXV
30
030.
SPXV030
10
SPXV030.T
07945880826
50
SPXV030.L
07945880825


Similar Part No. - SPXV020.L

ManufacturerPart #DatasheetDescription
logo
StarHope
SPX SPSEMI-SPX Datasheet
835Kb / 4P
   ADSL MODEM?갌AX?갩ELEPHONE
logo
SparkFun Electronics
SPX-14687 SPARKFUN-SPX-14687 Datasheet
145Kb / 2P
   Robotic Finger Sensor v2
12????9
SPX-14688 SPARKFUN-SPX-14688 Datasheet
239Kb / 2P
   Pressure Sensor (Qwiic) ??MS5637
12????9
SPX-14764 SPARKFUN-SPX-14764 Datasheet
262Kb / 2P
   Qwiic EEPROM ??512Kbit
12????9
SPX-14767 SPARKFUN-SPX-14767 Datasheet
728Kb / 2P
   Qwiic Pressure Sensor - LPS25HB
12-3-19
More results

Similar Description - SPXV020.L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFJ1000 LITTELFUSE-LFJ1000 Datasheet
483Kb / 4P
   LFJ1000 SERIES SOLAR FUSE BLOCK
Rev: 091719
SPNH200.X LITTELFUSE-SPNH200.X Datasheet
815Kb / 11P
   POWR-GARD? Fuse Datasheet SPNH SERIES SOLAR FUSE
Rev: 2-B-083021
SPF002 LITTELFUSE-SPF002_1 Datasheet
400Kb / 1P
   1000 Vdc Solar Fuse
SPF002 LITTELFUSE-SPF002 Datasheet
246Kb / 2P
   Solar Rated Midget Fuse
SPFI002.T LITTELFUSE-SPFI002.T Datasheet
345Kb / 3P
   SPFI SERIES IN-LINE SOLAR FUSE
SPF LITTELFUSE-SPF Datasheet
462Kb / 6P
   SPF SERIES SOLAR FUSES
Rev: 113021
logo
HY ELECTRONIC CORP.
SD2040 HY-SD2040_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PHOTOVOLTAIC SOLAR CELL
logo
Pentair plc. All rights...
PSD30 PENTAIR-PSD30 Datasheet
1Mb / 20P
   SOLAR DRIVE
logo
Hongfa Technology
HF172F-140 HONGFA-HF172F-140 Datasheet
56Kb / 2P
   SOLAR RELAY
HF172F-100 HONGFA-HF172F-100 Datasheet
57Kb / 2P
   SOLAR RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com