Electronic Components Datasheet Search |
|
SPFI010.L Datasheet(PDF) 1 Page - Littelfuse |
|
SPFI010.L Datasheet(HTML) 1 Page - Littelfuse |
1 / 3 page littelfuse.com © 2015 Littelfuse POWR-GARD® Products Rev: 030915 POWR-GARD® Fuse Datasheet 1 of 3 SPFI SERIES IN-LINE SOLAR FUSE 1000 Vdc • 2-30 A (Patent Pending) Specifications Voltage Rating 1000 Vdc Amperage Rating 2, 2.5, 3, 3.5, 4, 5, 6, 8, 10, 12, 15, 20, 25, 30 A Interrupting Rating 20 kA Time Constant ≤ 1ms Material Body: Melamine Caps: Copper Alloy (Nickel Plated) Approvals UL 2579 Recognized (File: E339112) Environmental RoHS Compliant REACH Country of Origin Mexico Part Numbering System Web Resources Downloadable CAD drawings and other technical information: littelfuse.com/spfi Recommended Crimping Tool T&B Sta-Kon ERG4002 or equivalent Weidmüller HTN 21 or equivalent Description The Littelfuse SPFI solar fuse is designed to integrate into an in-line assembly within a wire harness. The fuse provides photovoltaic (PV) protection that meets UL 2579 for photovoltaic applications. The SPFI can be electrically insulated by either overmolding or using approved heat-shrink. Features/Benefits • UL 2579 Recognized • Meets IEC 60269-6 electrical performance requirements • 20,000 A Interrupting Rating • No fuse holder required Applications • Photovoltaic wire harness Dimensions mm (in) SERIES AMP PACKAGE QUANTITY CATALOG NUMBER ORDERING NUMBER SPFI 2 10 SPFI002 SPFI002.T SPFI 3.5 10 SPFI03.5 SPFI03.5T SPFI 20 50 SPFI020 SPFI020.L SPFI xxx T Package Quantity Series Amp Code T = 10 L = 50 Refer to Amp Code Column in Ordering Information Table 63.50 (2.50) 12.26 (0.483) 5.59 (0.22) 10.31 (0.406) 9.53 (0.375) ø 3.56 (0.140) |
Similar Part No. - SPFI010.L |
|
Similar Description - SPFI010.L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |