Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV358GTR-E1 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AZV358GTR-E1
Description  DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV358GTR-E1 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AZV358GTR-E1 Datasheet HTML 2Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 3Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 4Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 5Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 6Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 7Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 8Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 9Page - Diodes Incorporated AZV358GTR-E1 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
AZV358
Document number: DS36536 Rev. 1 - 4
6 of 15
www.diodes.com
September 2013
© Diodes Incorporated
AZV358
A Product Line of
Diodes Incorporated
Performance Characteristics (Cont.)
Output Voltage Swing vs. Temperature
Gain and Phase vs. Frequency and Resistive Load
Gain and Phase vs. Frequency and Capacitive Load
Gain and Phase vs. Frequency and Capacitive Load
THD+N vs. Frequency
Non-Inverting Input Small Signal Pulse Response
-40
-20
0
204060
80
0
10
20
30
40
50
60
70
80
90
100
Negative Swing_V
OL
Positive Swing_V
CC-VOH
V
CC=2.7V
V
CC=5V
V
CC=2.7V
R
L=10K to VCC/2
Temperature (
OC)
V
CC=5V
10k
100k
1M
-10
0
10
20
30
40
50
60
70
80
-20
0
20
40
60
80
100
Gain
V
CC=2.5V, VEE=-2.5V
C
L=0
R
L=620
R
L=2K
R
L=100K
Frequency (Hz)
Phase Margin
R
L=620
R
L=2K
R
L=100K
10k
100k
1M
-30
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
C
L=100pF
C
L=200pF
C
L=470pF
C
L=1000pF
Gain
V
CC=2.5V, VEE=-2.5V
R
L=620
Frequency (Hz)
Phase Margin
C
L=100pF
C
L=200pF
C
L=470pF
C
L=1000pF
10k
100k
1M
-20
-10
0
10
20
30
40
50
60
70
80
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100
C
L=100pF
C
L=200pF
C
L=1000pF
Gain
V
CC=2.5V
V
EE=-2.5V
R
L=100K
Frequency (Hz)
Phase Margin
C
L=100pF
C
L=200pF
C
L=1000pF
100
1k
10k
100k
1E-3
0.01
0.1
1
V
O=2.5Vp-p
V
CC=2.5V, VEE=-2.5V
R
L=10K
A
V=1
Frequency (Hz)
20
V
O=1Vp-p
VCC=5V,VEE=0V
RL=2KΩ
VIN=100mVp-p
Unity Gain
VOUT
VIN


Similar Part No. - AZV358GTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV358GTR-E1 BCDSEMI-AZV358GTR-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - AZV358GTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZV358M-E1 BCDSEMI-AZV358M-E1 Datasheet
962Kb / 15P
   DUAL LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LMV321 NSC-LMV321_14 Datasheet
1Mb / 45P
   Low-Voltage Rail-To-Rail Output Operational Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321_10 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
792Kb / 31P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321DBVR TI-LMV321DBVR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358DR TI-LMV358DR Datasheet
1Mb / 45P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321A TI1-LMV321A_18 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV358 TI1-LMV358_16 Datasheet
2Mb / 50P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV821 TI-LMV821_10 Datasheet
764Kb / 35P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321_08 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com