Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC850B Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BC850B
Description  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC850B Datasheet(HTML) 2 Page - Infineon Technologies AG

  BC850B Datasheet HTML 1Page - Infineon Technologies AG BC850B Datasheet HTML 2Page - Infineon Technologies AG BC850B Datasheet HTML 3Page - Infineon Technologies AG BC850B Datasheet HTML 4Page - Infineon Technologies AG BC850B Datasheet HTML 5Page - Infineon Technologies AG BC850B Datasheet HTML 6Page - Infineon Technologies AG BC850B Datasheet HTML 7Page - Infineon Technologies AG BC850B Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BC846...BC850
2
Nov-20-2002
Maximum Ratings
Parameter
Symbol
BC846
BC847
BC850
BC848
BC849
Unit
Collector-emitter voltage
VCEO
65
45
30
V
Collector-base voltage
VCBO
80
50
30
Collector-emitter voltage
VCES
80
50
30
Emitter-base voltage
VEBO
6
6
5
DC collector current
IC
100
mA
Peak collector current
ICM
200
mA
Peak base current
IBM
200
Peak emitter current
200
IEM
Total power dissipation
, TS = 71 °C
Ptot
330
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-65 ... 150
Thermal Resistance
Junction - soldering point1)
RthJS
240
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 mA, IB = 0
BC846
BC847/850
BC848/849
V(BR)CEO
65
45
30
-
-
-
-
-
-
V
Collector-base breakdown voltage
IC = 10 µA, IE = 0
BC846
BC847/850
BC848/849
V(BR)CBO
80
50
30
-
-
-
-
-
-
1For calculation of RthJA please refer to Application Note Thermal Resistance


Similar Part No. - BC850B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850B PHILIPS-BC850B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850B FORMOSA-BC850B Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Siemens Semiconductor G...
BC850B SIEMENS-BC850B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Yea Shin Technology Co....
BC850B YEASHIN-BC850B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diotec Semiconductor
BC850B DIOTEC-BC850B Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC850B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com