Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC850B Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BC850B
Description  NPN Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC850B Datasheet(HTML) 3 Page - Infineon Technologies AG

  BC850B Datasheet HTML 1Page - Infineon Technologies AG BC850B Datasheet HTML 2Page - Infineon Technologies AG BC850B Datasheet HTML 3Page - Infineon Technologies AG BC850B Datasheet HTML 4Page - Infineon Technologies AG BC850B Datasheet HTML 5Page - Infineon Technologies AG BC850B Datasheet HTML 6Page - Infineon Technologies AG BC850B Datasheet HTML 7Page - Infineon Technologies AG BC850B Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC846...BC850
3
Nov-20-2002
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 µA, VBE = 0
BC846
BC847/850
BC848/849
V(BR)CES
80
50
30
-
-
-
-
-
-
V
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
BC846/847
BC848-850
V(BR)EBO
6
5
-
-
-
-
Collector cutoff current
VCB = 40 V, IE = 0
ICBO
-
-
15
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
5
µA
DC current gain 1)
IC = 10 µA, VCE = 5 V
hFE-group A
hFE-group B
hFE-group C
hFE
-
-
-
140
250
480
-
-
-
-
DC current gain 1)
IC = 2 mA, VCE = 5 V
hFE-group A
hFE-group B
hFE-group C
hFE
110
200
420
180
290
520
220
450
800
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
-
-
90
200
250
600
mV
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
-
-
700
900
-
-
Base-emitter voltage 1)
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(ON)
580
-
660
-
700
770
1) Pulse test: t
≤=300µs, D = 2%


Similar Part No. - BC850B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC850B PHILIPS-BC850B Datasheet
46Kb / 8P
   NPN general purpose transistors
1999 Apr 08
logo
Formosa MS
BC850B FORMOSA-BC850B Datasheet
121Kb / 9P
   SMD NPN Transistor
logo
Siemens Semiconductor G...
BC850B SIEMENS-BC850B Datasheet
273Kb / 8P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Yea Shin Technology Co....
BC850B YEASHIN-BC850B Datasheet
857Kb / 5P
   General Purpose Transistors
logo
Diotec Semiconductor
BC850B DIOTEC-BC850B Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC850B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com