Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV3001 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AZV3001
Description  Single/Dual Channel Low Voltage Push-Pull Output Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV3001 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AZV3001 Datasheet HTML 3Page - Diodes Incorporated AZV3001 Datasheet HTML 4Page - Diodes Incorporated AZV3001 Datasheet HTML 5Page - Diodes Incorporated AZV3001 Datasheet HTML 6Page - Diodes Incorporated AZV3001 Datasheet HTML 7Page - Diodes Incorporated AZV3001 Datasheet HTML 8Page - Diodes Incorporated AZV3001 Datasheet HTML 9Page - Diodes Incorporated AZV3001 Datasheet HTML 10Page - Diodes Incorporated AZV3001 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AZV3001/3002
Document number: DS37616 Rev. 3 - 2
8 of 11
www.diodes.com
December 2015
© Diodes Incorporated
AZV3001, AZV3002
Ordering Information
AZV300X XXX - 7
Packing
Package
FZ4 : X2-DFN1410-6
7/13 : Tape & Reel
1 : Single Channel
2 : Dual Channel
Output Channel
RL : U-FLGA1616-8
S : SOP-8L
Part Number
Package
Code
Packaging
7”/13” Tape and Reel
Quantity
Part Number Suffix
AZV3001FZ4-7
FZ4
X2-DFN1410-6
5,000/Tape & Reel
-7
AZV3002RL-7
RL
U-FLGA1616-8
3,000/Tape & Reel
-7
AZV3002S-13
S
SO-8
2500/Tape & Reel
-13
Note:
4. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
(1)
X2-X2-DFN1410-6
Y : Year : 0~9
(Top View)
X : Internal Code
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AZV3001FZ4
X2-DFN1410-6
YA
(2)
U-FLGA1616-8
Y : Year : 0~9
(Top View)
X : Internal Code
Y W X
XX
XX : Identification Code
W : Week : A~Z : 1~26 week;
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
AZV3002RL
U-FLGA1616-8
XD
(3)
SO-8
AZV3002
(Top View)
YY WW X X
Part Number
Logo
WW : Week : 01~52; 52
YY : Year : 14,15,16~
X X : Internal Code
8
7
6
5
1
2
3
4
represents 52 and 53 week


Similar Part No. - AZV3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results

Similar Description - AZV3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
   SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
   Push-Pull Output Sub-Microamp Comparators
2011
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
   Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
   Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
[Old version datasheet]   1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
[Old version datasheet]   40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
[Old version datasheet]   FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com