Electronic Components Datasheet Search |
|
AZV3002S-13 Datasheet(PDF) 2 Page - Diodes Incorporated |
|
AZV3002S-13 Datasheet(HTML) 2 Page - Diodes Incorporated |
2 / 11 page AZV3001/3002 Document number: DS37616 Rev. 3 - 2 2 of 11 www.diodes.com December 2015 © Diodes Incorporated AZV3001, AZV3002 Pin Descriptions AZV3001 Pin Name Pin Number Function VCC 6 Supply Voltage VEE 2 Supply Voltage IN+ 3 Non-Inverting Input IN- 4 Inverting Input OUT 1 Comparator Output N.C. 5 No Connection AZV3002 Pin Name Pin Number Function U-FLGA1616-8 SO-8 VCC 8 8 Supply Voltage VEE 4 4 Supply Voltage IN1+ 3 3 Non-Inverting Input of Comparator 1 IN1- 2 2 Inverting Input of Comparator 1 OUT1 1 1 Comparator 1 Output IN2+ 5 5 Non-Inverting Input of Comparator 2 IN2- 6 6 Inverting Input of Comparator 2 OUT2 7 7 Comparator 2 Output Functional Block Diagram VCC IN+ IN- VEE Output Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.) Symbol Parameter Min Max Unit VCC Supply Voltage - 6 V VI Input Voltage -0.3 VCC+0.3 V tSC(O) Output Short-Circuit Time - Indefinite S Tj(max) Maximum Junction Temperature - +150 °C TSTG Storage Temperature -65 +150 °C θJA Thermal Resistance (Junction-to-Ambient) X2-DFN1410-6 315 °C/W U-FLGA1616-8 306 SO-8 220 θJC Thermal Resistance (Junction-to-Case) X2-DFN1410-6 150 °C/W U-FLGA1616-8 122 SO-8 80 |
Similar Part No. - AZV3002S-13 |
|
Similar Description - AZV3002S-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |