Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V07P75P Datasheet(PDF) 7 Page - Littelfuse

Part # V07P75P
Description  Reduced footprint and volume required for surge protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V07P75P Datasheet(HTML) 7 Page - Littelfuse

Back Button V07P75P Datasheet HTML 3Page - Littelfuse V07P75P Datasheet HTML 4Page - Littelfuse V07P75P Datasheet HTML 5Page - Littelfuse V07P75P Datasheet HTML 6Page - Littelfuse V07P75P Datasheet HTML 7Page - Littelfuse V07P75P Datasheet HTML 8Page - Littelfuse V07P75P Datasheet HTML 9Page - Littelfuse V07P75P Datasheet HTML 10Page - Littelfuse V07P75P Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
© 2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/04/15
Metal-Oxide Varistors (MOVs)
Radial Leaded Varistors > LV UltraMOVTM Varistor Series
NOTE: If pulse ratings are exceeded, a shift of V
N(DC)(at specified current) of
more then +/-10% could result. This type of shift, which normally results in a
decrease of V
N(DC), may result in the device not meeting the original published
specifications, but does not prevent the device from continuing to function,
and to provide ample protection.
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
Repetitive Surge Capability for 5mm Parts
V05x11P - V05x40P
Repetitive Surge Capability for 7mm Parts
V07x11P - V07x40P
Repetitive Surge Capability for 10mm Parts
V10x11P - V10x40P
Repetitive Surge Capability for 14mm Parts
V14x11P - V14x40P
Repetitive Surge Capability for 20mm Parts
V20x11P - V20x40P
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
10
100
1000
10000
10
100
1000
10000
Impulse Duration (µs)
5MM V05x11P-V05x40P
Impulse Duration (µs)
7MM V07x11P-V07x40P
1
10
100
1000
10000
1
10
100
1000
10000
Impulse Duration (µs)
10MM V10x11P-V10x40P
Impulse Duration (µs)
14MM V14x11P-V14x40P
Impulse Duration (µs)
20MM V20x11P-V20x40P
1x
2x
15x
102x
103x
104x
105x
106x
0.1
1
10
100
1000
1
10
100
1000
10000
1
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
10
100
1000
10000
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
10x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x
1x
2x
15x
102x
103x
104x
105x
106x


Similar Part No. - V07P75P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V07P11P LITTELFUSE-V07P11P Datasheet
778Kb / 2P
   Superior Peak Surge Current Ratings in Small Disc Sizes
More results

Similar Description - V07P75P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IP4238CZ10 NXP-IP4238CZ10 Datasheet
220Kb / 11P
   Surge protection for ethernet and telecom
Rev. 1-1 October 2012
logo
Weidmuller
0459460000 WEIDMULLER-0459460000 Datasheet
63Kb / 3P
   Surge protection for instrumentation and control
1064250000 WEIDMULLER-1064250000 Datasheet
743Kb / 7P
   Surge protection for instrumentation and control
September 18, 2021
logo
ABLE Power Products
AP5P277 ABLEPOWERPRODUCTS-AP5P277 Datasheet
305Kb / 1P
   Surge Protection for Protection of LED Drivers and Controls
2/16/2023
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
   Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
   Near Infrared Reduced Footprint Photodiode
logo
Pepperl+Fuchs Inc.
M-LB-1.150.M PF-M-LB-1.150.M Datasheet
580Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.275.M PF-M-LB-1.275.M Datasheet
441Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-2.150.T3.M PF-M-LB-2.150.T3.M Datasheet
512Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
M-LB-1.NPE.M PF-M-LB-1.NPE.M Datasheet
582Kb / 2P
   Protection Module for Surge Protection Barrier
2022-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com