Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV5001 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AZV5001
Description  Low-Power Headset Detection IC in Miniaturized Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AZV5001 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AZV5001 Datasheet HTML 4Page - Diodes Incorporated AZV5001 Datasheet HTML 5Page - Diodes Incorporated AZV5001 Datasheet HTML 6Page - Diodes Incorporated AZV5001 Datasheet HTML 7Page - Diodes Incorporated AZV5001 Datasheet HTML 8Page - Diodes Incorporated AZV5001 Datasheet HTML 9Page - Diodes Incorporated AZV5001 Datasheet HTML 10Page - Diodes Incorporated AZV5001 Datasheet HTML 11Page - Diodes Incorporated AZV5001 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AZV5001
Document number: DS37993 Rev. 2 - 2
9 of 12
www.diodes.com
August 2015
© Diodes Incorporated
AZV5001
Application Information
Supply Voltage
The AZV5001 device is guaranteed to operate at supply voltage ultra low to 1.6V. For better performance, a power supply decoupling capacitor is
necessary, a minimum 0.1µF decoupling capacitor should be placed as close as possible to the VCC pin.
Audio Jack Detection
The AZV5001 is designed to simplify the detection of stereo audio connector with a microphone contact. When the headset is not connected, the
internal pull-up resistors on L_Detect and G_Detect pull those pins high. When the headset is connected to the switched audio jack, the headset
ground and left audio channel trigger L_Detect and G_Detect to logic low.
The AZV5001 can work with either the CITA or OMTP standard. In order to support both standards simultaneously, a cross point switch and
additional circuitry is necessary to detect and swap the ground and microphone pins.
MIC Pin Biasing
The AZV5001 typical application circuit in Figure 2 shows the recommended 2.2K
Ω pull-up resistor to the MIC bias voltage under supply voltage
1.8V condition. While the headset is not detected, the internal NMOS transistor is enabled to mute the MIC signal. If the MIC sink current is 1mA
under system application, the MIC pin is pulled near 1mV when the headset is not present. The internal NMOS transistor is optimized to sink up to
2mA of current, allowing some flexibility in the selection of the pull-up resistor and MIC bias voltage.


Similar Part No. - AZV5001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV5002 DIODES-AZV5002 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
AZV5002DS-7 DIODES-AZV5002DS-7 Datasheet
1Mb / 15P
   Low Power Audio Jack Detector
More results

Similar Description - AZV5001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2302 ONSEMI-NCS2302 Datasheet
81Kb / 8P
   Headset Detection Interface Interface
June, 2014 ??Rev. 3
NCS2300 ONSEMI-NCS2300 Datasheet
401Kb / 7P
   Headset Detection Interface Interface
June, 2014 ??Rev. 5
logo
Texas Instruments
TLV320DAC3202 TI1-TLV320DAC3202 Datasheet
605Kb / 19P
[Old version datasheet]   LOW POWER HIGH FIDELITY I2S INPUT HEADSET IC
logo
SHENZHEN FUMAN ELECTRON...
FM5401 FUMAN-FM5401 Datasheet
731Kb / 11P
   Bluetooth Headset Mobile Power Management IC
logo
Maxim Integrated Produc...
MAX9880A MAXIM-MAX9880A_11 Datasheet
1Mb / 70P
   Low-Power, High-Performance Dual I2S Stereo Audio Codec Comprehensive Headset Detection
Rev 1; 3/11
logo
Marki Microwave
DPX-3 MARKIMICROWAVE-DPX-3 Datasheet
460Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-2 MARKIMICROWAVE-DPX-2 Datasheet
330Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-4 MARKIMICROWAVE-DPX-4 Datasheet
459Kb / 2P
   Low Profile Miniaturized, Reflow Solderable Package Option
DPX-M50 MARKIMICROWAVE-DPX-M50 Datasheet
338Kb / 3P
   Low Profile Miniaturized, Reflow Solderable Package Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com