Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4041CQFTA Datasheet(PDF) 5 Page - Diodes Incorporated

Part # LM4041CQFTA
Description  AUTOMOTIVE GRADE 1.225V AND ADJUSTABLE PRECISION REFERENCE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4041CQFTA Datasheet(HTML) 5 Page - Diodes Incorporated

  LM4041CQFTA Datasheet HTML 1Page - Diodes Incorporated LM4041CQFTA Datasheet HTML 2Page - Diodes Incorporated LM4041CQFTA Datasheet HTML 3Page - Diodes Incorporated LM4041CQFTA Datasheet HTML 4Page - Diodes Incorporated LM4041CQFTA Datasheet HTML 5Page - Diodes Incorporated LM4041CQFTA Datasheet HTML 6Page - Diodes Incorporated LM4041CQFTA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LM4041Q
Document number: DS37001 Rev. 1 - 2
5 of 7
www.diodes.com
March 2014
© Diodes Incorporated
LM4041Q
A Product Line of
Diodes Incorporated
Application Information
The LM4041Q comes in two variants:
LM4041_Q with fixed 1.225V output
LM4041DADJQ with variable output voltage.
In a conventional shunt reference (2-terminal, fixed output device) application (Figure 1), an external
series resistor (RS) is connected between the supply voltage, VS, and the LM4041Q.
RS determines the current that flows through the load (IL) and the LM4041Q (IR). Since load current and
supply voltage may vary, RS should be small enough to supply at least the minimum acceptable IR to the
LM4041Q even when the supply voltage is at its minimum and the load current is at its maximum value.
When the supply voltage is at its maximum and IL is at its minimum, RS should be large enough so that
the current flowing through the LM4041Q is less than 12 mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IQ), and the
LM4041Q’s reverse breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
For the adjustable device 3-terminals are used
The LM4041Q-ADJ’s output voltage can be adjusted to any value in the range of 1.24V through 10V. The
output voltage is set by the ratio of two external feedback resistors as shown in Figure 2 and the internal
reference voltage (VR).
The output voltage is found using the equation:


1
2
R
O
R
R
1
V
V
Printed Circuit Board Layout Considerations
LM4041Q with fixed output voltage in the SOT23 package has the die attached to pin 3, which results in an electrical contact between pin 2 and
pin 3.
Therefore, pin 3 of the SOT23 package must be left floating or connected to pin 2.
RS
VS
IR + IL
IR
IL
VR
VO
Figure 2
R1
R2


Similar Part No. - LM4041CQFTA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
501Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
664Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
694Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041CQDBZR TI-LM4041CQDBZR Datasheet
681Kb / 28P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041CQFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
   1.225V Precision micropower shunt voltage reference
logo
STMicroelectronics
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
   1.225V MICROPOWER VOLTAGE REFERENCE
logo
Calogic, LLC
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
logo
Texas Instruments
LMP7300MA TI-LMP7300MA Datasheet
270Kb / 17P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
National Semiconductor ...
LMP7300 NSC-LMP7300_08 Datasheet
874Kb / 14P
   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
logo
Texas Instruments
LMP7300 TI1-LMP7300_14 Datasheet
302Kb / 18P
[Old version datasheet]   Micropower Precision Comparator and Precision Reference with Adjustable Hysteresis
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com