Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8304 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8304
Description  3W MONO CLASS D AUDIO AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8304 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8304 Datasheet HTML 1Page - Diodes Incorporated PAM8304 Datasheet HTML 2Page - Diodes Incorporated PAM8304 Datasheet HTML 3Page - Diodes Incorporated PAM8304 Datasheet HTML 4Page - Diodes Incorporated PAM8304 Datasheet HTML 5Page - Diodes Incorporated PAM8304 Datasheet HTML 6Page - Diodes Incorporated PAM8304 Datasheet HTML 7Page - Diodes Incorporated PAM8304 Datasheet HTML 8Page - Diodes Incorporated PAM8304 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PAM8304
Document number: DS36589 Rev. 1 - 2
4 of 11
www.diodes.com
October 2013
© Diodes Incorporated
PAM8304
A Product Line of
Diodes Incorporated
Performance Characteristics (@TA=25°C, VDD=5V, Gain=18dB, RL=L(33μH)+R+L(33μH), unless otherwise noted.)
THD+N Vs. Output Power (RL=4
Ω)
THD+N Vs. Output Power (RL=8
Ω)
THD+N Vs. Frequency
PSRR Vs. Frequency
Frequency Response
Noise Floor
0.1
20
0.2
0.5
1
2
5
10
%
1m
5
2m
5m
10 m
20m
50m
1 00m
20 0m
500 m
1
2
W
0. 1
20
0. 2
0. 5
1
2
5
10
%
1m
3
2m
5m
10m
20m
50 m
100m
200m
500m
1
2
W
-80
+0
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T
0. 02
10
0. 05
0. 1
0. 2
0. 5
1
2
5
%
20
20k
50
100
2 0 0
5 00
1k
2k
5k
10k
Hz
-120
+20
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
+10
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
+1 0
+2 0
+ 10. 5
+1 1
+ 11. 5
+1 2
+ 12. 5
+1 3
+ 13. 5
+1 4
+ 14. 5
+1 5
+ 15. 5
+1 6
+ 16. 5
+1 7
+ 17. 5
+1 8
+ 18. 5
+1 9
+ 19. 5
d
B
g
A
20
20 k
50
100
20 0
500
1k
2 k
5k
1 0 k
Hz
VDD=5.0V
Po=300mW
VDD=5.0V
VDD=3.6V
VDD=3.6V
VDD=3.6V
VDD=5.0V
VDD=5.0V
VDD=5.0V
VDD=5.0V


Similar Part No. - PAM8304

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301AAF PAM-PAM8301AAF Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301AAF DIODES-PAM8301AAF Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
PAM8302 ETC1-PAM8302 Datasheet
188Kb / 8P
   Tiny Package 2 Watt Class-D Audio Amplifiers With Enable
More results

Similar Description - PAM8304

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8013 DIODES-PAM8013 Datasheet
467Kb / 9P
   3W MONO CLASS D AUDIO AMPLIFIER
logo
Anpec Electronics Corop...
APA2012 ANPEC-APA2012_18 Datasheet
293Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2010B ANPEC-APA2010B Datasheet
542Kb / 19P
   3W Mono Class-D Audio Power Amplifier
APA2012 ANPEC-APA2012 Datasheet
344Kb / 19P
   3W Mono Class-D Audio Power Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Monolithic Power System...
MP1740 MPS-MP1740 Datasheet
311Kb / 11P
   3W HIGH EFFICIENCY MONO CLASS-D AUDIO AMPLIFIER
logo
Integrated Silicon Solu...
IS31AP2006 ISSI-IS31AP2006 Datasheet
332Kb / 14P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
IS31AP2006-DLS2-TR ISSI-IS31AP2006-DLS2-TR Datasheet
349Kb / 17P
   3W MONO FILTER-LESS CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
NS4150 ETC1-NS4150 Datasheet
1Mb / 15P
   Low EMI,Filterless,3W Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com