Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8408 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # PAM8408
Description  2x3W STEREO DIFFERENTIAL INPUT CLASS D AUDIO AMPLIFIER WITH MEMORY UP/DOWN VOLUME
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8408 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button PAM8408 Datasheet HTML 3Page - Diodes Incorporated PAM8408 Datasheet HTML 4Page - Diodes Incorporated PAM8408 Datasheet HTML 5Page - Diodes Incorporated PAM8408 Datasheet HTML 6Page - Diodes Incorporated PAM8408 Datasheet HTML 7Page - Diodes Incorporated PAM8408 Datasheet HTML 8Page - Diodes Incorporated PAM8408 Datasheet HTML 9Page - Diodes Incorporated PAM8408 Datasheet HTML 10Page - Diodes Incorporated PAM8408 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PAM8408
Document number: DS36992 Rev. 1 - 2
9 of 11
www.diodes.com
June 2014
© Diodes Incorporated
PAM8408
A PRODUCT LINE OF
DIODES INCORPORATED
Application Information (cont.)
PCB Layout Guidelines
Grounding
At this stage it is paramount that we acknowledge the need for separate grounds. Noise currents in the output power stage need to be returned to
output noise ground and nowhere else. Were these currents to circulate elsewhere, they may get into the power supply, the signal ground, etc,
worse yet, they may form a loop and radiate noise. Any of these instances results in degraded amplifier performance. The logical returns for the
output noise currents associated with Class D switching are the respective PGND pins for each channel. The switch state diagram illustrates that
PGND is instrumental in nearly every switch state. This is the perfect point to which the output noise ground trace should return. Also note that
output noise ground is channel specific. A two channels amplifier has two mutually exclusive channels and consequently must have two mutually
exclusive output noise ground traces. The layout of the PAM8408 offers separate PGND connections for each channel and in some cases each
side of the bridge. Output noise grounds must tie to system ground at the power in exclusively. Signal currents for the inputs, reference, etc need
to be returned to quite ground. This ground only ties to the signal components and the GND pin. GND then ties to system ground.
Power Supply Line
As same to the ground, VDD and each channel PVDD need to be separated and tied together at the system power supply. Recommend that all
the trace could be routed as short and thick as possible. For the power line layout, just imagine water stream, any barricade placed in the trace
(shows in figure 4) could result in the bad performance of the amplifier.
Figure 4
Components Placement
The power supply decoupling capacitors need to be placed as close to VDD pins as possible. The inputs need to be routed away from the noisy
trace.
Ordering Information
PAM8408 X X
D: SO-16L
R: Tape & Real
Part Number
Package
Standard Package
PAM8408DR
SO-16L
2,500Units/Tape&Real
Shipping Package
Package Type


Similar Part No. - PAM8408

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAM8402 ETC1-PAM8402 Datasheet
162Kb / 3P
   2 Watt Class-D Audio Amplifiers with Enable
logo
Power Analog Micoelectr...
PAM8403 PAM-PAM8403 Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Diodes Incorporated
PAM8403 DIODES-PAM8403 Datasheet
380Kb / 11P
   FILTERLESS 3W CLASS-D STEREO AUDIO AMPLIFIER
logo
ARTSCHIP ELECTRONICS CO...
PAM8403 ARTSCHIP-PAM8403 Datasheet
237Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
logo
Power Analog Micoelectr...
PAM8403DR PAM-PAM8403DR Datasheet
194Kb / 12P
   Filterless 3W Class-D Stereo Audio Amplifier
More results

Similar Description - PAM8408

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8407 DIODES-PAM8407 Datasheet
330Kb / 12P
   2x3W Stereo Differential Input Class D Audio Amplifier with Up/Down Volume Control
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
   2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com