Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8603A Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PAM8603A
Description  ANTI-SATURATION FILTERLESS 3W CLASS-D STEREO AMPLIFIER WITH DC VOLUME CONTROL AND HEADPHONE OUTPUT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8603A Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PAM8603A Datasheet HTML 7Page - Diodes Incorporated PAM8603A Datasheet HTML 8Page - Diodes Incorporated PAM8603A Datasheet HTML 9Page - Diodes Incorporated PAM8603A Datasheet HTML 10Page - Diodes Incorporated PAM8603A Datasheet HTML 11Page - Diodes Incorporated PAM8603A Datasheet HTML 12Page - Diodes Incorporated PAM8603A Datasheet HTML 13Page - Diodes Incorporated PAM8603A Datasheet HTML 14Page - Diodes Incorporated PAM8603A Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PAM8603A
Document number: DSxxxxx Rev. 1 - 2
11 of 16
www.diodes.com
November 2012
© Diodes Incorporated
PAM8603A
A Product Line of
Diodes Incorporated
Application Information
Test Setup for Performance Testing (Class D)
1. When the PAM8603A works with LC filters, it should be connected with the speaker before it's powered on, otherwise it will be damaged
easily.
2. When the PAM8603A works without LC filters, it's better to add a ferrite chip bead at the outgoing line of speaker for suppressing the
possible electromagnetic interference.
3. The absolute maximum rating of the PAM8603A operation voltage is 6V. When the PAM8603A is powered with four battery cells, it should
be noted that the voltage of four new dry or alkaline batteries is over 6V, higher than its maximum operation voltage, which probably make
the device damaged. Therefore, it's recommended to use either four Ni-MH (Nickel Metal Hydride) rechargeable batteries or three dry or
alkaline batteries.
4. The input signal should not be too high, if too high, it will cause the clipping of output signal when increasing the volume. Because the DC
volume control of the PAM8603A has big gain, it will make the device damaged.
5. When testing the PAM8603A without LC filters by using resistor instead of speaker as the output load, the test results, e.g. THD or efficiency,
will be worse than those using speaker as load.
Notes:
1. The Audio Precision (AP) AUX-0025 low pass filter is necessary for class-D amplifier measurement with AP analyzer.
2. Two 22μH inductors are used in series with load resistor to emulate the small speaker for efficiency measurement.
Anti-saturation Function
If the preset gain is haigher than 12dB, Anti-saturation is active by detecting the duty cycle of the PWM output when the mode been detected,
the gain is automatcally adjusted to the value that the output is not clip step by step. The maximum attenuation is -12dB (preset gain = 24dB).
The attach is immediately and the released time is 250ms per step.
Mute Operation
The MUTE pin is an input for controlling the output state of the PAM8603A. A logic low on this pin disables the outputs, and a logic high enables
the outputs. This pin may be used as a quick disable or enable of the outputs without a volume fade. Quiescent current is listed in the electrical
characteristic table. The MUTE pin can be left floating due to the internal pull-up.
Shutdown Operation
In order to reduce power consumption while not in use, the PAM8603A contains shutdown circuitry to turn off the amplifier's bias circuitry. The
amplifier is turned off when logic low is placed on the SHDN pin. By switching the SHDN pin connected to GND, the PAM8603A supply current
draw will be minimized in idle mode. The SHDN pin can be left floating due to the pull-up.
For the best power on/off pop performance, the amplifier should be placed in the Mute mode prior to turning on/off the power supply.


Similar Part No. - PAM8603A

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8603M DIODES-PAM8603M Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8603MDER PAM-PAM8603MDER Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8603MDER DIODES-PAM8603MDER Datasheet
343Kb / 14P
   3W FILTERLESS STEREO CLASS-D AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8603MDET PAM-PAM8603MDET Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
More results

Similar Description - PAM8603A

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8007 PAM-PAM8007 Datasheet
968Kb / 16P
   Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PAM8603M PAM-PAM8603M Datasheet
237Kb / 14P
   3W Filterless Stereo Class-D Audio Amplifier with DC Volume Control
logo
Eutech Microelectronics...
EUA2035 EUTECH-EUA2035 Datasheet
150Kb / 1P
   3W/CH Stereo Filterless Class-D Audio Amplifier with 64-Step DC Volume Control, AGC and Headphone Output
logo
Diodes Incorporated
PAM8008 DIODES-PAM8008 Datasheet
402Kb / 14P
   3W STEREO CLASS-D with DC VOLUME, POWER LIMIT and ANTI-SATURATION
logo
Power Analog Micoelectr...
PAM8803 PAM-PAM8803 Datasheet
304Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
TA8803 YONGFUKANG-TA8803 Datasheet
269Kb / 13P
   3W Filterless Stereo Class-D Audio Amplifier with Digital Volume Control
logo
Power Analog Micoelectr...
PAM8001 PAM-PAM8001 Datasheet
89Kb / 1P
   Anti-Saturation Filterless 2W Class-D Stereo Amplifier with DC VolumeControl
logo
Diodes Incorporated
PAM8001 DIODES-PAM8001 Datasheet
716Kb / 17P
   ANTI-SATURATION FILTERLESS 2W CLASS-D STEREO AMPLIFIER
logo
Shenzhenshi YONGFUKANG ...
AX8703 YONGFUKANG-AX8703 Datasheet
1Mb / 16P
   3W Filterless Class D Stereo Audio Power Amplifier with I2C Volume Control
logo
Power Analog Micoelectr...
PAM8010 PAM-PAM8010 Datasheet
1Mb / 17P
   3W Stereo Class-D with DC Volume, Headphone and Power Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com