Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAM8905 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # PAM8905
Description  1.9W Class-D Audio Amplifier with Integrated Boost Converter and Battery Tracking AGC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8905 Datasheet(HTML) 4 Page - Diodes Incorporated

  PAM8905 Datasheet HTML 1Page - Diodes Incorporated PAM8905 Datasheet HTML 2Page - Diodes Incorporated PAM8905 Datasheet HTML 3Page - Diodes Incorporated PAM8905 Datasheet HTML 4Page - Diodes Incorporated PAM8905 Datasheet HTML 5Page - Diodes Incorporated PAM8905 Datasheet HTML 6Page - Diodes Incorporated PAM8905 Datasheet HTML 7Page - Diodes Incorporated PAM8905 Datasheet HTML 8Page - Diodes Incorporated PAM8905 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PAM8905
Document number: DS37026 Rev. 2 - 2
4 of 9
www.diodes.com
May 2015
© Diodes Incorporated
PAM8905
A Product Line of
Diodes Incorporated
1.9W Class-D Audio Amplifier with Integrated
Boost Converter and Battery Tracking AGC
Electrical Characteristics (@VBAT=3.6V, AGC=GND, TA = +25°C, RL=8Ω+33µH, unless otherwise specified.)
Symbol
Parameter
Test Conditions
MIN
TYP
MAX
UNIT
VBAT
Supply Voltage
2.8
5.2
V
Po
Output Power
THD+N=1%,f=1kHz
VBAT=3.6V
1900
mW
VBAT=3.0V
1750
VBAT=2.8V
1600
THD+N
Total Harmonic
Distortion Plus
Noise
Po=1.0W,RL=8
Ω
f=1kHz
0.07
%
Po=2W,RL=4
Ω
0.15
PSRR
Power Supply Ripple
Rejection
VBAT=3.6V, Inputs AC-
G
rounded with C=1μF
f=217Hz
-70
dB
f=1kHz
-70
SNR
Signal-to-Noise Ratio
A-Weighting
THD+N=1%
95
dB
Vop
Peak Output Voltage
VBAT=3.6V
f=1kHz
5.75
V
Vo_TH
Boost Convertor Auto-Pass
Through Threshold
2
Vpk
Vn
Output Noise
Inputs AC-Grounded
No A-Weighting
100
μV
A-Weighting
60
η
Efficiency
VBAT=4.2V, Po=1.5W
f=1kHz
85
%
IQ
Quiescent Current
VBAT=3.6V
No Load
4
mA
Isd
Shutdown Current
VBAT=2.8V to 5.2V
EN=0V
1
μA
Rdson
Static Drain-to Source On-
State Resistor
High Side PMOS,I=500mA
VBAT=5V
260
Low Side NMOS,I=500mA
VBAT=5V
160
fsw
Switching Frequency
VBAT=2.8V to 5.2V
Boost
1200
kHz
Class D
300
Gv
Closed-Loop Gain
20
dB
RIN
Input Impedance
Av=20dB
24
Vos
Output Offset Voltage
Input AC-Ground
10
mV
Ipeak
Convertor SW Peak Current
VBAT=3.6V
2
A
Ton
Start-up Time From EN
6
mS
VIH
EN Input High Voltage
VBAT=5V
1.3
V
VIL
EN Input Low Voltage
VBAT=5V
0.6


Similar Part No. - PAM8905

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
PAM8901JER DIODES-PAM8901JER Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
PAM8902AKER DIODES-PAM8902AKER Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
More results

Similar Description - PAM8905

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2015D1 TI-TPA2015D1 Datasheet
871Kb / 25P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_15 Datasheet
760Kb / 26P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_10 Datasheet
1,022Kb / 27P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking SpeakerGuard??AGC
TPA2015D1 TI-TPA2015D1_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TPA2015D1 2-W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter and Battery Tracking Speakerguard™ AGC
REVISED JUNE 2022
TPA2015D1 TI-TPA2015D1_11 Datasheet
1Mb / 28P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier With Adaptive Boost Converter andBattery Tracking SpeakerGuard??AGC
logo
Diodes Incorporated
PAM8945 DIODES-PAM8945_16 Datasheet
568Kb / 9P
   4.0W CLASS-G AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
logo
Fangtek Ltd.
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
   2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2920 FANGTEK-FT2920 Datasheet
1Mb / 28P
   8W Boosted Class-G Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
FT2923 FANGTEK-FT2923 Datasheet
1Mb / 27P
   2x4.5W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com