Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003F12 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ULN2003F12
Description  Multi-Channel Relay and Inductive Load Sink Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ULN2003F12 Datasheet(HTML) 5 Page - Diodes Incorporated

  ULN2003F12 Datasheet HTML 1Page - Diodes Incorporated ULN2003F12 Datasheet HTML 2Page - Diodes Incorporated ULN2003F12 Datasheet HTML 3Page - Diodes Incorporated ULN2003F12 Datasheet HTML 4Page - Diodes Incorporated ULN2003F12 Datasheet HTML 5Page - Diodes Incorporated ULN2003F12 Datasheet HTML 6Page - Diodes Incorporated ULN2003F12 Datasheet HTML 7Page - Diodes Incorporated ULN2003F12 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ULN2003V12, ULN2003F12
Document number: DS37620 Rev. 1 - 2
5 of 8
www.diodes.com
February 2015
© Diodes Incorporated
ULN2003V12, ULN2003F12
Performance Characteristics
Output Current vs. Input Voltage (One Darlington)
Output Current vs. Input Voltage (All Darlingtons in Parallel)
0
1
2
3
4
5
6
-50
0
50
100
150
200
250
300
350
400
Input Voltage (V)
ULN2003V12
ULN2003F12
T
A
= 25
OC
V
OUT
= 0.6 V
0
1
2
3
4
5
6
-0.5
0.0
0.5
1.0
1.5
2.0
Input Voltage (V)
ULN2003V12
ULN2003F12
T
A
= 25
OC
V
OUT
= 0.6 V
Output Current vs. Output Voltage
Output Current vs. Output Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
100
200
300
400
500
600
700
800
Output Voltage (V)
T
A
= 25
OC
V
IN
= 3.3 V
V
IN
= 5.0 V
ULN2003V12
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
700
Output Voltage (V)
T
A
= 25
OC
V
IN
= 3.3 V
V
IN
= 5.0 V
ULN2003F12


Similar Part No. - ULN2003F12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ULN2003F12 DIODES-ULN2003F12 Datasheet
371Kb / 2P
   Seven Channel, DMOSFET, Transistor Array with Negative Input Range Provides Load Current Feedback and Reduced Power Dissipation
ULN2003F12FN-7 DIODES-ULN2003F12FN-7 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
More results

Similar Description - ULN2003F12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ULN2003V12 DIODES-ULN2003V12_17 Datasheet
432Kb / 8P
   Multi-Channel Relay and Inductive Load Sink Driver
logo
Texas Instruments
ULN2003V12 TI1-ULN2003V12 Datasheet
1Mb / 18P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
ULN2003LV TI1-ULN2003LV Datasheet
1Mb / 19P
[Old version datasheet]   7-Channel Relay and Inductive Load Sink Driver
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105D ONSEMI-NUD3105D_06 Datasheet
164Kb / 8P
   Integrated Relay, Inductive Load Driver
March, 2006 ??Rev. 3
NUD3112 ONSEMI-NUD3112_05 Datasheet
75Kb / 7P
   Integrated Relay, Inductive Load Driver
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com