Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV431BQFTA Datasheet(PDF) 11 Page - Diodes Incorporated

Part # TLV431BQFTA
Description  AUTOMOTIVE GRADE 1.24V SHUNT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TLV431BQFTA Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button TLV431BQFTA Datasheet HTML 5Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 6Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 7Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 8Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 9Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 10Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 11Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 12Page - Diodes Incorporated TLV431BQFTA Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TLV431Q
Document number: DS36915 Rev. 1 - 2
11 of 13
www.diodes.com
February 2014
© Diodes Incorporated
TLV431Q
A Product Line of
Diodes Incorporated
Ordering Information
Tol.
Part Number
Package
Part Mark
Status
Reel Size
Tape Width
Quanity per
Reel
1%
TLV431AQE5TA
SOT25
V1A
Active
7”, 180mm
8mm
3000
TLV431AQFTA
SOT23
V1A
Active
7”, 180mm
8mm
3000
0.5%
TLV431BQE5TA
SOT25
V1B
Active
7”, 180mm
8mm
3000
TLV431BQFTA
SOT23
V1B
Active
7”, 180mm
8mm
3000
0.2%
TLV431TQFTA
SOT23
V1T
Active
7”, 180mm
8mm
3000
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
SOT23
SOT25
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11

All Dimensions in mm
SOT25
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15
N
0.70
0.80 0.75


All Dimensions in mm
A
M
J
L
D
F
B C
H
K
G
K1
A
M
J
L
D
B C
H
K
N


Similar Part No. - TLV431BQFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TLV431BQFTA DIODES-TLV431BQFTA Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
More results

Similar Description - TLV431BQFTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
TLV431Q DIODES-TLV431Q_18 Datasheet
1Mb / 14P
   AUTOMOTIVE-COMPLIANT 1.24V SHUNT REGULATOR
AZ9431BQ DIODES-AZ9431BQ Datasheet
615Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
AZ9431Q DIODES-AZ9431Q Datasheet
880Kb / 9P
   AUTOMOTIVE COMPLIANT 1.24V ADJUSTABLE PRECISION SHUNT REGULATOR
January 2022 Rev. 2 - 2
logo
List of Unclassifed Man...
B431L ETC1-B431L Datasheet
292Kb / 8P
   1.24V Adjustable Shunt Regulator
logo
Zetex Semiconductors
ZTLV431 ZETEX-ZTLV431 Datasheet
199Kb / 8P
   1.24V Cost effective shunt regulator
logo
Sipex Corporation
SPX432 SIPEX-SPX432_04 Datasheet
144Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
SPX432AM-L SIPEX-SPX432AM-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
logo
Zetex Semiconductors
TLV431 ZETEX-TLV431_08 Datasheet
813Kb / 16P
   1.24V Cost effective shunt regulator
ZTLV431 ZETEX-ZTLV431_07 Datasheet
224Kb / 8P
   1.24V Cost effective shunt regulator
logo
Sipex Corporation
SPX432M-L SIPEX-SPX432M-L Datasheet
145Kb / 11P
   1.24V Precision Adjustable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com