Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BCR10
Description  NPN/PNP Silicon Digital Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCR10 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCR10 Datasheet HTML 1Page - Infineon Technologies AG BCR10 Datasheet HTML 2Page - Infineon Technologies AG BCR10 Datasheet HTML 3Page - Infineon Technologies AG BCR10 Datasheet HTML 4Page - Infineon Technologies AG BCR10 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BCR10PN
Nov-29-2001
4
PNP Type
Collector-Emitter Saturation Voltage
VCEsat = f (IC), hFE = 20
0
0.2
0.4
0.6
V
1
VCEsat
0
10
1
10
2
10
mA
DC Current Gain hFE = f (IC)
VCE = 5V (common emitter configuration)
10
-1
10
0
10
1
10
2
mA
IC
0
10
1
10
2
10
3
10
-
Input off voltage Vi(off) = f (IC)
VCE = 5V (common emitter configuration)
0
0.5
1
1.5
V
2.5
Vi(off)
-2
10
-1
10
0
10
1
10
mA
Input on Voltage Vi(on) = f (IC)
VCE = 0.3V (common emitter configuration)
10
-1
10
0
10
1
10
2
V
Vi(on)
-1
10
0
10
1
10
2
10
mA


Similar Part No. - BCR10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BCR10 SIEMENS-BCR10 Datasheet
62Kb / 5P
   NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit)
logo
Cystech Electonics Corp...
BCR1002A3 CYSTEKEC-BCR1002A3 Datasheet
254Kb / 6P
   PNPN Epitaxial Planar SCR
BCR1002N3 CYSTEKEC-BCR1002N3 Datasheet
274Kb / 7P
   PNPN Epitaxial Planar SCR
BCR1003A3 CYSTEKEC-BCR1003A3 Datasheet
259Kb / 6P
   PNPN Epitaxial Planar SCR
logo
Infineon Technologies A...
BCR101 INFINEON-BCR101 Datasheet
448Kb / 6P
   NPN Silicon Digital Transistor
Nov-27-2003
More results

Similar Description - BCR10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCR19PN INFINEON-BCR19PN Datasheet
52Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Nov-29-2001
BCR39PN INFINEON-BCR39PN Datasheet
53Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
May-17-2004
BCR15PN INFINEON-BCR15PN Datasheet
156Kb / 6P
   NPN/PNP Silicon Digital Transistor Array
Apr-30-2004
BCR35PN INFINEON-BCR35PN_11 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PNH6327 INFINEON-BCR22PNH6327 Datasheet
533Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2011-07-28
BCR22PN INFINEON-BCR22PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-31
BCR35PN INFINEON-BCR35PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR48PN INFINEON-BCR48PN_07 Datasheet
148Kb / 8P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR08PN INFINEON-BCR08PN_07 Datasheet
141Kb / 7P
   NPN/PNP Silicon Digital Transistor Array
2007-07-24
BCR42PN INFINEON-BCR42PN Datasheet
124Kb / 5P
   NPN/PNP Silicon Digital Transistor Array
Dec-13-2001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com