Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BC860C
Description  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC860C Datasheet(HTML) 3 Page - Infineon Technologies AG

  BC860C Datasheet HTML 1Page - Infineon Technologies AG BC860C Datasheet HTML 2Page - Infineon Technologies AG BC860C Datasheet HTML 3Page - Infineon Technologies AG BC860C Datasheet HTML 4Page - Infineon Technologies AG BC860C Datasheet HTML 5Page - Infineon Technologies AG BC860C Datasheet HTML 6Page - Infineon Technologies AG BC860C Datasheet HTML 7Page - Infineon Technologies AG BC860C Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BC856...BC860
3
Dec-11-2001
Electrical Characteristics at TA = 25°C, unless otherwise specified.
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 10 µA, VBE = 0
BC856
BC857/860
BC858/859
V(BR)CES
80
50
30
-
-
-
-
-
-
V
Emitter-base breakdown voltage
IE = 1 µA, IC = 0
V(BR)EBO
5
-
-
Collector cutoff current
VCB = 30 V, IE = 0
ICBO
-
-
15
nA
Collector cutoff current
VCB = 30 V, IE = 0 , TA = 150 °C
ICBO
-
-
5
µA
DC current gain 1)
IC = 10 µA, VCE = 5 V
hFE-group A
hFE-group B
hFE-group C
hFE
-
-
-
140
250
480
-
-
-
-
DC current gain 1)
IC = 2 mA, VCE = 5 V
hFE-group A
hFE-group B
hFE-group C
hFE
125
220
420
180
290
520
250
475
800
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VCEsat
-
-
75
250
300
650
mV
Base-emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
VBEsat
-
-
700
850
-
-
Base-emitter voltage 1)
IC = 2 mA, VCE = 5 V
IC = 10 mA, VCE = 5 V
VBE(ON)
600
-
650
-
750
820
1) Pulse test: t
≤=300µs, D = 2%


Similar Part No. - BC860C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860C PHILIPS-BC860C Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
logo
Siemens Semiconductor G...
BC860C SIEMENS-BC860C Datasheet
271Kb / 8P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC860C FAIRCHILD-BC860C Datasheet
68Kb / 5P
   Switching and Amplifier Applications
logo
Diotec Semiconductor
BC860C DIOTEC-BC860C Datasheet
186Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BC860C KEXIN-BC860C Datasheet
41Kb / 2P
   PNP General Purpose Transistor
More results

Similar Description - BC860C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW68GE6327 INFINEON-BCW68GE6327 Datasheet
533Kb / 8P
   PNP Silicon AF Transistors
2011-09-15
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com